| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
301020013 Datasheet(PDF) 67 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
301020013 Datasheet(HTML) 67 Page - ams-OSRAM AG |
|
67 / 109 page ![]() Dragster Pin description Datasheet • PUBLIC • Document Feedback DS000444 • v5-00 • 2025-Aug-29 67 / 109 / 12.2 Connector signal assignment for Invar headboard variations DR2x2K7, DR4K3.5, DR2K7 For DR2K7_Invar, connector 2 is present but not required. Only the powers present on the connector are routed to the sensor. Connector 2 can be left completely unconnected for DR2K7_Invar. Table 34: Connector 1 pinout Pin number Pin name Pin type(1) 1 N_CS_AB_1 DI 2 MISO_AB_1 DO 3 VDDA VDDA 4 VDDD VDDD 5 VSSA GND 6 VSS_Bulk GND 7 VSSD GND 8 Load_Pulse_AB_1 DI 9 VDDIO VDDIO 10 End_ADC_AB_1 DI 11 VDDA VDDA 12 VDD_Bulk VDD_Bulk 13 VDDD VDDD 14 VDDESD VDDESD 15 VSSA GND 16 VSS_Bulk GND 17 VSSD GND 18 VDDIO VDDIO 19 Test_Mux_AB_1 Analogue Monitor - Leave n.c. 20 VDDA VDDA 21 VDDD VDDD 22 VSSA GND 23 VSS_Bulk GND 24 VSSD GND 25 VSSESD/IO GND 26 Pixel_CLK_AB_1 DO 27 VClamp_AB_1 VDDA 28 Sample_AB DI 29 RST_CDS_AB DI 30 RST_CVC_AB DI |