Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ZMM13 Datasheet(PDF) 1 Page - Kingtronics International Company

No. de pieza ZMM13
Descripción Electrónicos  Silicon Epitaxial Planar Zener Diodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KINGTRONICS [Kingtronics International Company]
Página de inicio  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

ZMM13 Datasheet(HTML) 1 Page - Kingtronics International Company

  ZMM13 Datasheet HTML 1Page - Kingtronics International Company ZMM13 Datasheet HTML 2Page - Kingtronics International Company ZMM13 Datasheet HTML 3Page - Kingtronics International Company ZMM13 Datasheet HTML 4Page - Kingtronics International Company ZMM13 Datasheet HTML 5Page - Kingtronics International Company ZMM13 Datasheet HTML 6Page - Kingtronics International Company ZMM13 Datasheet HTML 7Page - Kingtronics International Company ZMM13 Datasheet HTML 8Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Silicon Epitaxial Planar Zener Diodes
in MiniMELF case especially for automatic insertion.
The Zener voltages are graded according to the
international E24 standard. Smaller voltage tolerances
and higher Zener voltages are upon request.
These diodes are also available in DO-35 case with
the type designation BZX55C...
Absolute Maximum Ratings (Ta = 25℃)
Parameter
SYMBOL
VALUE
UNIT
Power Dissipation
Ptot
500 1)
mW
Junction Temperature
Tj
175
℃
Storage Temperature Range
Tstg
- 55 to + 175
℃
1)
Valid provided that electrodes are kept at ambient temperature
Characteristics at Ta = 25℃
Parameter
SYMBOL
Max.
UNIT
Thermal Resistance Junction to Ambient Air
RthA
0.3 1)
K/mW
Forward Voltage
atIF = 100 mA
VF
1
V
1)
Valid provided that electrodes are kept at ambient temperature
LL-34
Glass case MiniMELF Dimensions in mm
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
ZMM1 THRU
ZMM75


Número de pieza similar - ZMM13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
ZMM13 SEMTECH-ZMM13 Datasheet
594Kb / 8P
SILICON PLANAR POWER ZENER DIODES?
logo
Shanghai Lunsure Electr...
ZMM13 CHENYI-ZMM13 Datasheet
449Kb / 8P
0.5W SILICON PLANAR ZENER DIODES
logo
Diodes Incorporated
ZMM13 DIODES-ZMM13 Datasheet
59Kb / 3P
500mW SURFACE MOUNT ZENER DIODE
DS18005 Rev. H-3
logo
General Semiconductor
ZMM13 GE-ZMM13 Datasheet
351Kb / 8P
Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
ZMM13 GOOD-ARK-ZMM13 Datasheet
627Kb / 8P
SILICON PLANAR ZENER DIODES
More results

Descripción similar - ZMM13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
ZM-PTZ10B SEMTECH-ZM-PTZ10B Datasheet
286Kb / 3P
SILICON EPITAXIAL PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BTZS4678 SEMTECH_ELEC-BTZS4678 Datasheet
292Kb / 4P
SILICON EPITAXIAL PLANAR ZENER DIODES
BZX55T2V4 SEMTECH_ELEC-BZX55T2V4 Datasheet
255Kb / 4P
SILICON EPITAXIAL PLANAR ZENER DIODES
BZX83C SEMTECH_ELEC-BZX83C Datasheet
162Kb / 2P
SILICON EPITAXIAL PLANAR ZENER DIODES
21/06/2007
BZT55C2V4 SEMTECH_ELEC-BZT55C2V4 Datasheet
312Kb / 5P
SILICON EPITAXIAL PLANAR ZENER DIODES
BZT-RLZ2V2A SEMTECH_ELEC-BZT-RLZ2V2A Datasheet
300Kb / 5P
SILICON EPITAXIAL PLANAR ZENER DIODES
2V2BC SEMTECH_ELEC-2V2BC Datasheet
306Kb / 3P
Silicon Epitaxial Planar Zener Diodes
logo
Nanjing International G...
HZ DGNJDZ-HZ Datasheet
92Kb / 4P
Silicon Epitaxial Planar Zener Diodes
ZMC1 DGNJDZ-ZMC1 Datasheet
80Kb / 2P
Silicon Epitaxial Planar Zener Diodes
ZMM1B DGNJDZ-ZMM1B Datasheet
167Kb / 8P
Silicon Epitaxial Planar Zener Diodes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com