Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ZMM13 Datasheet(PDF) 3 Page - Kingtronics International Company

No. de pieza ZMM13
Descripción Electrónicos  Silicon Epitaxial Planar Zener Diodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KINGTRONICS [Kingtronics International Company]
Página de inicio  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

ZMM13 Datasheet(HTML) 3 Page - Kingtronics International Company

  ZMM13 Datasheet HTML 1Page - Kingtronics International Company ZMM13 Datasheet HTML 2Page - Kingtronics International Company ZMM13 Datasheet HTML 3Page - Kingtronics International Company ZMM13 Datasheet HTML 4Page - Kingtronics International Company ZMM13 Datasheet HTML 5Page - Kingtronics International Company ZMM13 Datasheet HTML 6Page - Kingtronics International Company ZMM13 Datasheet HTML 7Page - Kingtronics International Company ZMM13 Datasheet HTML 8Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Characteristics at Ta = 25℃
1)
Tested with pulses tp = 20 ms.
2)
The ZMM1 is a silicon diode with operation in forward direction. Hence, the index of all parameters should be "F" instead of "Z". Connect the cathode
electrode to the negative pole.
Type
Zener Voltage Range 1)
Dynamic Resistance
Reverse Leakage Current
Temp.Coeffici
ent
Type of Zener
Voltage
VZnom
VZT
at lZT
ZZT
ZZK
at IZK
Ta = 25 ℃
Ta = 125 ℃
at VR
(V)
(V)
(mA)
Max.(
Ω)
Max.(
Ω)
(mA)
Max. (
μA)
Max. (
μA)
(V)
TKvz (%/K)
ZMM39
39
37...41
2.5
90
500
0.5
0.1
5
30
0.04...0.12
ZMM43
43
40...46
2.5
90
500
0.5
0.1
5
33
0.04...0.12
ZMM47
47
44...50
2.5
110
600
0.5
0.1
5
36
0.04...0.12
ZMM51
51
48...54
2.5
125
700
0.5
0.1
10
39
0.04...0.12
ZMM56
56
52...60
2.5
135
700
0.5
0.1
10
43
0.04...0.12
ZMM62
62
58...66
2.5
150
1000
0.5
0.1
10
47
0.04...0.12
ZMM68
68
64...72
2.5
200
1000
0.5
0.1
10
51
0.04...0.12
ZMM75
75
70...79
2.5
250
1000
0.5
0.1
10
56
0.04...0.1
Breakdowm characteristics
Tj=constant (pulsed)
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
ZMM1 THRU
ZMM75



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com