| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
OTPS80FD Datasheet(PDF) 83 Page - ABB |
|
|
|||||||||||||||||||||||||||||
OTPS80FD Datasheet(HTML) 83 Page - ABB |
|
83 / 192 page ![]() — Side operated switch-disconnectors, base mounting, IEC Including terminal bolt kit. In OT_K -types a black ON-OFF direct mount handle as standard. The handle is padlockable in the OFF-position. Number of poles Open air thermal current Ith Rated operat. currents AC22A/AC23A 400...415 V Type Order code Weight/ unit A A/A kg Handle has to be ordered separately 3 200 200/160 OT160EVS03 1SCA120563R1001 1.8 4 200 200/160 OT160EVS04 1SCA120564R1001 2.2 3 200 200/200 OT200ES03 1SCA022860R0200 1.8 4 200 200/200 OT200ES04 1SCA022860R0540 2.2 3 250 250/250 OT250ES03 1SCA022860R0890 1.8 4 250 250/250 OT250ES04 1SCA022860R1010 2.2 3 315 315/315 OT315ES03 1SCA022860R1270 3.4 4 315 315/315 OT315ES04 1SCA022860R1510 4.0 3 400 400/400 OT400ES03 1SCA022860R1780 3.4 4 400 400/400 OT400ES04 1SCA022860R1940 4.0 3 630 630/630 OT630ES03 1SCA022860R2240 7.0 4 630 630/630 OT630ES04 1SCA022860R2410 8.2 3 800 800/800 OT800ES03 1SCA022860R2670 7.0 4 800 800/800 OT800ES04 1SCA022860R2830 8.2 Direct mount handle included 3 200 200/160 OT160EVS03K 1SCA120570R1001 1.9 4 200 200/160 OT160EVS04K 1SCA120565R1001 2.3 3 200 200/200 OT200ES03K 1SCA022860R0620 1.9 4 200 200/200 OT200ES04K 1SCA022860R0710 2.3 3 250 250/250 OT250ES03K 1SCA022860R0970 1.9 4 250 250/250 OT250ES04K 1SCA022860R1190 2.3 3 315 315/315 OT315ES03K 1SCA022860R1350 3.5 4 315 315/315 OT315ES04K 1SCA022860R1600 4.1 3 400 400/400 OT400ES03K 1SCA022860R1860 3.5 4 400 400/400 OT400ES04K 1SCA022860R2080 4.1 3 630 630/630 OT630ES03K 1SCA022860R2320 7.0 4 630 630/630 OT630ES04K 1SCA022860R2590 8.4 3 800 800/800 OT800ES03K 1SCA022860R2750 7.2 4 800 800/800 OT800ES04K 1SCA022860R2910 8.4 — Terminal bolt kits included as standard Suitable for switches Terminal bolt kit OT160EV...250 M8x25 OT315...400 M10x30 OT630...800 M12x40 — Manual switch-disconnectors OT160...4000, IEC Ordering information for side operated switch-disconnectors OT630...800ES04 OT160EVS04K OT200...250ES04K OT630...800ES03K OT630...800ES04K ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 83 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 83 |