Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

OTPS80FD Datasheet(PDF) 34 Page - ABB

No. de pieza OTPS80FD
Descripción Electrónicos  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ABB [ABB]
Página de inicio  http://www.abb.com
Logo ABB - ABB

OTPS80FD Datasheet(HTML) 34 Page - ABB

Back Button OTPS80FD Datasheet HTML 30Page - ABB OTPS80FD Datasheet HTML 31Page - ABB OTPS80FD Datasheet HTML 32Page - ABB OTPS80FD Datasheet HTML 33Page - ABB OTPS80FD Datasheet HTML 34Page - ABB OTPS80FD Datasheet HTML 35Page - ABB OTPS80FD Datasheet HTML 36Page - ABB OTPS80FD Datasheet HTML 37Page - ABB OTPS80FD Datasheet HTML 38Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 192 page
background image
—
Manual switch-disconnectors OT16...160
Dimensional drawings
Front operated switch-disconnectors, base and DIN-rail mounting, IEC
OT125FL3 and OT125FLA3
53,5/2.11
3,5
0.14
38
1.50
21
0.83
R10,5/
0.41
13/OT125FL3
131
5.16
141
5.55
154
6.07
25
0.98
70/2.76
6
0.24
113
4.45
R4,5
90/3.54
35/1.38
35/1.38
20
0.79
O
OFF
I
ON
11
0.43
37
1.46
Ø 4,5/0.18
125
4.92
35
1.38
7/0.28
2
0.08
45
1.77
12,5
0.49
11
0.43
63/2.48
100
3.94
21
0.83
107/4.22
O
OFF
I
ON
200
7.88
O
OFF
I
ON
107/4.22
275
10.83
mm
in
162
6.38
168
6.62
182,5
7.19
6
0.24
113
4.45
R4,5
0.18
90/3.54
35/1.38 35/1.38
20
0.79
O
OFF
I
ON
11
0.43
37
1.46
25/0.98
70/2.76
3
0.12
188
7.4
Nimitys
Title
Piirustus No.
Document No.
Versio
Revision
Sivu
Sheet
2016-09-06
T Mäkkylä
Mittapiirustus
Dimension drawing
ABB Oy
Protection and Connection
Teki
Prepared
Muutokset
Changes
E
E) Inches added
OTS125T3L
Main dimensions mm, inches
34
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
34
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com