Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DMTH4008LPDW Datasheet(PDF) 4 Page - Diodes Incorporated

No. de pieza DMTH4008LPDW
Descripción Electrónicos  40V 175°C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMTH4008LPDW Datasheet(HTML) 4 Page - Diodes Incorporated

  DMTH4008LPDW Datasheet HTML 1Page - Diodes Incorporated DMTH4008LPDW Datasheet HTML 2Page - Diodes Incorporated DMTH4008LPDW Datasheet HTML 3Page - Diodes Incorporated DMTH4008LPDW Datasheet HTML 4Page - Diodes Incorporated DMTH4008LPDW Datasheet HTML 5Page - Diodes Incorporated DMTH4008LPDW Datasheet HTML 6Page - Diodes Incorporated DMTH4008LPDW Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DMTH4008LPDW
Document number: DS42438 Rev. 1 - 2
4 of 7
www.diodes.com
May 2020
© Diodes Incorporated
DMTH4008LPDW
0.005
0.006
0.007
0.008
0.009
0.01
0.011
0.012
0.013
0.014
0.015
0.016
0.017
0.018
0.019
0.02
-50
-25
0
25
50
75
100
125
150
175
T
J, JUNCTION TEMPERATURE (℃)
Figure 7. On-Resistance Variation with Temperature
V
GS = 10V, ID = 20A
V
GS = 4.5V, ID = 10A
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
-50
-25
0
25
50
75
100
125
150
175
T
J, JUNCTION TEMPERATURE (℃)
Figure 8. Gate Threshold Variation vs. Junction
Temperature
I
D = 250μA
I
D = 1mA
0
5
10
15
20
25
30
0
0.3
0.6
0.9
1.2
V
SD, SOURCE-DRAIN VOLTAGE (V)
Figure 9. Diode Forward Voltage vs. Current
T
A = 125℃
T
A = 85℃
T
A = 25℃
T
A = -55℃
V
GS = 0V
T
A = 150℃
T
A = 175℃
1
10
100
1000
10000
0
5
10
15
20
25
30
35
40
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 10. Typical Junction Capacitance
f=1MHz
C
rss
C
oss
C
iss
0
2
4
6
8
10
0
3
6
9
12
15
Qg (nC)
Figure 11. Gate Charge
V
DS = 20V, ID = 20A
0.01
0.1
1
10
100
1000
0.1
1
10
100
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 12. SOA, Safe Operation Area
P
W =100ms
P
W =100ms
P
W =1µs
DC
R
DS(ON) Limited
P
W =10ms
P
W =1ms
T
J(Max) = 175℃
T
C = 25℃
Single Pulse
DUT on Infinite
Heatsink
V
GS= 10V
P
W =10ms



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com