Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LPR30 Datasheet(PDF) 9 Page - STMicroelectronics

No. de pieza LPR30
Descripción Electrónicos  LOW DROP VOLTAGE REGULATOR DRIVE FOR EXTERNAL N-CHANNEL POWER MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPR30 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LPR30 Datasheet HTML 2Page - STMicroelectronics LPR30 Datasheet HTML 3Page - STMicroelectronics LPR30 Datasheet HTML 4Page - STMicroelectronics LPR30 Datasheet HTML 5Page - STMicroelectronics LPR30 Datasheet HTML 6Page - STMicroelectronics LPR30 Datasheet HTML 7Page - STMicroelectronics LPR30 Datasheet HTML 8Page - STMicroelectronics LPR30 Datasheet HTML 9Page - STMicroelectronics LPR30 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.75
0.068
a1
0.1
0.25
0.003
0.009
a2
1.65
0.064
a3
0.65
0.85
0.025
0.033
b
0.35
0.48
0.013
0.018
b1
0.19
0.25
0.007
0.010
C
0.25
0.5
0.010
0.019
c1
45 (typ.)
D
4.8
5.0
0.188
0.196
E
5.8
6.2
0.228
0.244
e
1.27
0.050
e3
3.81
0.150
F
3.8
4.0
0.14
0.157
L
0.4
1.27
0.015
0.050
M
0.6
0.023
S
8 (max.)
0016023
SO-8 MECHANICAL DATA
LPR30
9/10



Html Pages

1 2 3 4 5 6 7 8 9 10