Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32L462CET6 Datasheet(PDF) 14 Page - STMicroelectronics

No. de pieza STM32L462CET6
Descripción Electrónicos  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, 512KB Flash, 160KB SRAM, analog, audio, AES
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L462CET6 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STM32L462CET6 Datasheet HTML 10Page - STMicroelectronics STM32L462CET6 Datasheet HTML 11Page - STMicroelectronics STM32L462CET6 Datasheet HTML 12Page - STMicroelectronics STM32L462CET6 Datasheet HTML 13Page - STMicroelectronics STM32L462CET6 Datasheet HTML 14Page - STMicroelectronics STM32L462CET6 Datasheet HTML 15Page - STMicroelectronics STM32L462CET6 Datasheet HTML 16Page - STMicroelectronics STM32L462CET6 Datasheet HTML 17Page - STMicroelectronics STM32L462CET6 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 198 page
background image
Description
STM32L462CE STM32L462RE STM32L462VE
14/198
DocID029969 Rev 1
Table 1. STM32L462xx family device features and peripheral counts
Peripheral
STM32L462Vx
STM32L462Rx
STM32L462Cx
Flash memory
512KB
SRAM
160KB
Quad SPI
Yes
Timers
Advanced
control
1 (16-bit)
General
purpose
2 (16-bit)
1 (32-bit)
Basic
2 (16-bit)
Low -power
2 (16-bit)
SysTick timer
1
Watchdog
timers
(independent,
window)
2
Comm.
interfaces
SPI
3
I2C4
USART
UART
LPUART
3
1
1
SAI
1
CAN
1
USB FS
Yes
SDMMC
Yes
No
RTC
Yes
Tamper pins
3
2
2
Random generator
Yes
AES
Yes
GPIOs
Wakeup pins
83
5
52
4
38
3
Capacitive sensing
Number of channels
21
12
6
12-bit ADCs
Number of channels
1
16
1
16
1
10
12-bit DAC channels
1
Internal voltage reference
buffer
Yes
No
No
Analog comparator
2
Operational amplifiers
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com