Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32L462CET6 Datasheet(PDF) 94 Page - STMicroelectronics

No. de pieza STM32L462CET6
Descripción Electrónicos  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, 512KB Flash, 160KB SRAM, analog, audio, AES
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L462CET6 Datasheet(HTML) 94 Page - STMicroelectronics

Back Button STM32L462CET6 Datasheet HTML 90Page - STMicroelectronics STM32L462CET6 Datasheet HTML 91Page - STMicroelectronics STM32L462CET6 Datasheet HTML 92Page - STMicroelectronics STM32L462CET6 Datasheet HTML 93Page - STMicroelectronics STM32L462CET6 Datasheet HTML 94Page - STMicroelectronics STM32L462CET6 Datasheet HTML 95Page - STMicroelectronics STM32L462CET6 Datasheet HTML 96Page - STMicroelectronics STM32L462CET6 Datasheet HTML 97Page - STMicroelectronics STM32L462CET6 Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 198 page
background image
Table 25. Current consumption in Run and Low-power run modes, code with data processing
running from Flash, ART disable
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-
Voltage
scaling
fHCLK
25 °C 55 °C 85 °C
105 °C 125 °C 25 °C
55 °C
85 °C 105 °C 125 °C
IDD_ALL
(Run)
Supply
current in
Run mode
fHCLK = fHSE up to
48MHz included,
bypass mode
PLL ON above
48 MHz all
peripherals disable
Range 2
26 MHz
2.75
2.80
2.90
3.10
3.40
3.15
3.25
3.40
3.70
4.30
mA
16 MHz
1.95
2.00
2.10
2.25
2.60
2.25
2.30
2.50
2.75
3.35
8 MHz
1.10
1.15
1.25
1.40
1.75
1.25
1.35
1.50
1.75
2.35
4 MHz
0.640 0.670 0.765
0.935
1.25
0.75
0.80
0.95
1.25
1.80
2 MHz
0.380 0.405 0.505
0.670
1.00
0.45
0.50
0.65
0.95
1.50
1 MHz
0.250 0.275 0.375
0.540
0.865
0.30
0.35
0.50
0.80
1.35
100 kHz 0.135 0.160 0.255
0.420
0.750
0.15
0.25
0.40
0.65
1.25
Range 1
80 MHz
8.85
8.90
9.05
9.30
9.70
10.0
10.5
10.5
11.0
11.5
72 MHz
8.00
8.05
8.20
8.40
8.85
9.05
9.15
9.35
9.70
10.5
64 MHz
7.90
7.95
8.10
8.35
8.75
8.95
9.10
9.35
9.70
10.5
48 MHz
6.60
6.65
6.80
7.05
7.45
7.55
7.65
7.90
8.30
9.00
32 MHz
4.75
4.80
4.95
5.15
5.55
5.40
5.50
5.75
6.10
6.80
24 MHz
3.60
3.65
3.80
4.00
4.35
4.10
4.20
4.40
4.75
5.40
16 MHz
2.60
2.65
2.75
2.95
3.35
3.00
3.05
3.25
3.60
4.25
IDD_ALL
(LPRun)
Supply
current in
Low-power
run
fHCLK = fMSI
all peripherals disable
2 MHz
340
360
470
650
1000
400
455
575
880
1550
µA
1 MHz
175
215
320
500
855
225
285
420
720
1350
400 kHz
89.5
120
225
405
760
130
185
340
620
1250
100 kHz
42.5
75.5
180
360
715
75
145
320
575
1200
1. Guaranteed by characterization results, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com