Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MB85RS128A Datasheet(PDF) 2 Page - RAMXEED LIMITED

No. de pieza MB85RS128A
Descripción Electrónicos  128K (16 K × 8) Bit SPI
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RAMXEED [RAMXEED LIMITED]
Página de inicio  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RS128A Datasheet(HTML) 2 Page - RAMXEED LIMITED

  MB85RS128A Datasheet HTML 1Page - RAMXEED LIMITED MB85RS128A Datasheet HTML 2Page - RAMXEED LIMITED MB85RS128A Datasheet HTML 3Page - RAMXEED LIMITED MB85RS128A Datasheet HTML 4Page - RAMXEED LIMITED MB85RS128A Datasheet HTML 5Page - RAMXEED LIMITED MB85RS128A Datasheet HTML 6Page - RAMXEED LIMITED MB85RS128A Datasheet HTML 7Page - RAMXEED LIMITED MB85RS128A Datasheet HTML 8Page - RAMXEED LIMITED MB85RS128A Datasheet HTML 9Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
MB85RS128A
2
DS501-00008-6v0-E
■ PIN ASSIGNMENT
■ PIN FUNCTIONAL DESCRIPTIONS
Pin No. Pin Name
Functional description
1CS
Chip Select pin
This is an input pin to make chip select. When CS is the “H” level, device is in deselect
(standby) status and SO becomes High-Z. Inputs from other pins are ignored at this time.
When CS is the “L” level, device is in select (active) status. CS has to be the “L” level
before inputting op-code.
3WP
Write Protect pin
This is a pin to control writing to a status register. The writing of status register (see
“
■STATUS REGISTER”) is protected in related with WP and WPEN. See “■WRITING
PROTECT” for detail.
7HOLD
Hold pin
This pin is used to interrupt serial input/output without making chip deselect. When
HOLD is the “L” level, hold operation is activated, SO becomes High-Z, and SCK and SI
become don’t care. While the hold operation, CS shall be retained the “L” level.
6SCK
Serial Clock pin
This is a clock input pin to input/output serial data. SI is loaded synchronously to a rising
edge, SO is output synchronously to a falling edge.
5SI
Serial Data Input pin
This is an input pin of serial data. This inputs op-code, address, and writing data.
2SO
Serial Data Output pin
This is an output pin of serial data. Reading data of FRAM memory cell array and status
register are output. This is High-Z during standby.
8
VDD
Supply Voltage pin
4
GND
Ground pin
GND
SI
SO
VDD
SCK
WP
CS
HOLD
8
7
6
5
4
3
2
1
(TOP VIEW)
(FPT-8P-M02)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com