Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

4525-TP3B005CLF Datasheet(PDF) 8 Page - TE Connectivity Ltd

No. de pieza 4525-TP3B005CLF
Descripción Electrónicos  MS4525 SPECIFICATIONS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

4525-TP3B005CLF Datasheet(HTML) 8 Page - TE Connectivity Ltd

Back Button 4525-TP3B005CLF Datasheet HTML 4Page - TE Connectivity Ltd 4525-TP3B005CLF Datasheet HTML 5Page - TE Connectivity Ltd 4525-TP3B005CLF Datasheet HTML 6Page - TE Connectivity Ltd 4525-TP3B005CLF Datasheet HTML 7Page - TE Connectivity Ltd 4525-TP3B005CLF Datasheet HTML 8Page - TE Connectivity Ltd 4525-TP3B005CLF Datasheet HTML 9Page - TE Connectivity Ltd 4525-TP3B005CLF Datasheet HTML 10Page - TE Connectivity Ltd 4525-TP3B005CLF Datasheet HTML 11Page - TE Connectivity Ltd 4525-TP3B005CLF Datasheet HTML 12Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MS4525
SENSOR SOLUTIONS /// MS4525
04/2019
Page 8
Pin Name
Pin
Function
SUPPLY
2
Positive Supply Voltage
OUTPUT
3
Analog Output
GND
4
Ground
1, 5-8
No Connection
Pressure Type Description
Pressure Type
Pmin
Pmax
Description
Absolute
0psiA
+Prange
Output is proportional to the difference between 0psiA (Pmin) and pressure applied
to Port 1.
Differential/
Bidirectional
-Prange
+Prange
Output is proportional to the difference between Port 1 and Port 2. Output swings
positive when Port 1> Port 2. Output is 50% of supply voltage when Port 1=Port 2.
Gage
0psiG
+Prange
Output is proportional to the difference between 0psiG (Pmin) and Port 1. Output
swings positive when Port 1> Port 2.
Compound
-15psiG
+Prange
Output is proportional to the difference between -15psiG pressure (Pmin) and
pressure applied to Port 1.
Vacuum
-15psiG
+0psiG
Output is inversely proportional to the difference between -15psiG (Pmin) and
pressure applied to Port 1.
Prange is equal to the maximum full scale pressure specified in the ordering information.
WETTED MATERIAL BY PORT DESIGNATION
Material
Style
Port
Ceramic
Silicon
Borosilicate Glass
RTV
Gold
Aluminum
Epoxy
DS, MM
Port 1
X
X
X
X
X
Port 2
X
X
X
X
X
X
X
SS, TP, SM
Port 1
X
X
X
X
X
X
X
"X" Indicates Wetted Material



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com