Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

4525-TP3B005CLF Datasheet(PDF) 3 Page - TE Connectivity Ltd

No. de pieza 4525-TP3B005CLF
Descripción Electrónicos  MS4525 SPECIFICATIONS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

4525-TP3B005CLF Datasheet(HTML) 3 Page - TE Connectivity Ltd

  4525-TP3B005CLF Datasheet HTML 1Page - TE Connectivity Ltd 4525-TP3B005CLF Datasheet HTML 2Page - TE Connectivity Ltd 4525-TP3B005CLF Datasheet HTML 3Page - TE Connectivity Ltd 4525-TP3B005CLF Datasheet HTML 4Page - TE Connectivity Ltd 4525-TP3B005CLF Datasheet HTML 5Page - TE Connectivity Ltd 4525-TP3B005CLF Datasheet HTML 6Page - TE Connectivity Ltd 4525-TP3B005CLF Datasheet HTML 7Page - TE Connectivity Ltd 4525-TP3B005CLF Datasheet HTML 8Page - TE Connectivity Ltd 4525-TP3B005CLF Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MS4525
SENSOR SOLUTIONS /// MS4525
04/2019
Page 3
ABSOLUTE MAXIMUM RATINGS
Parameter
Conditions
Min
Max
Unit
Notes
Supply Voltage
TA = 25 °C
2.7
5.5
V
Output Current
TA = 25°C
3
mA
Load Resistance (RL)
TA = 25°C
10
kΩ
Storage Temperature
-40
+125
°C
Humidity
TA = 25°C
95
%RH
Non Condensing
Overpressure
TA = 25 °C, both Ports
Not to Exceed 300
psi
Burst Pressure
TA = 25 °C, Port 1
psi
See Table 1
ESD
HBM
-4
+4
kV
EN 61000-4-2
Solder Temperature
250°C, 5 sec max.
TABLE 1- BURST PRESSURE BY RANGE AND PACKAGE STYLE
Range
DS
TP, SS, MM
Unit
001
20
20
psi
002
20
20
psi
005
15
20
psi
015
45
90
psi
030
90
200
psi
050
150
300
psi
100
300
300
psi
150
300
300
psi
ENVIRONMENTAL SPECIFICATIONS
Parameter
Conditions
Mechanical Shock
Mil Spec 202F, Method 213B, Condition C, 3 Drops
Mechanical Vibration
Mil Spec 202F, Method 214A, Condition 1E, 1Hr Each Axis
Thermal Shock
100 Cycles over Storage Temperature, 30 minute dwell
Life
1 Million FS Cycles
MTTF
>10Yrs, 70 ºC, 1.188 Million Pressure Cycles, 120%FS
Pressure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com