Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32L4P5CEU3P Datasheet(PDF) 161 Page - STMicroelectronics

No. de pieza STM32L4P5CEU3P
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEU3P Datasheet(HTML) 161 Page - STMicroelectronics

Back Button STM32L4P5CEU3P Datasheet HTML 157Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 158Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 159Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 160Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 161Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 162Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 163Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 164Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 165Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 311 page
background image
Table 40. Typical consumption in Run and Low-power run modes, with different codes
running from SRAM1 and power supplied by external SMPS
Symbol
Parameter
Conditions(1)
TYP
Unit
TYP
Unit
-
VDD12
fHCLK
Code
25°C
25°C
IDD (Run)
Supply current
in Run mode
fHCLK=fHSE up to 48
MHZ included,
bypass mode PLL
ON above 48 MHz
all peripherals
disable
VDD12=1.00 V
fHCLK=
26 MHz
Reduced code
1.13
mA
43
µA/MHz
Coremark
1.13
43
Dhrystone2.1
1.13
43
Fibonacci
1.11
43
While(1)
1.07
41
VDD12=1.10V
fHCLK=
26 MHz
Reduced code
1.36
mA
52
µA/MHz
Coremark
1.36
52
Dhrystone2.1
1.36
52
Fibonacci
1.34
52
While(1)
1.29
50
fHCLK=
80 MHz
Reduced code
3.77
mA
47
µA/MHz
Coremark
3.56
44
Dhrystone2.1
3.77
47
Fibonacci
3.77
47
While(1)
3.77
47
VDD12=1.20V
fHCLK=
120 MHz
Reduced code
6.82
mA
57
µA/MHz
Coremark
6.22
52
Dhrystone2.1
6.82
57
Fibonacci
6.62
55
While(1)
6.62
55
1.
All values are obtained by calculation based on measurements done without SMPS and using following parameters: SMPS input = 3.3 V, SMPS efficiency = 85%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com