Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32L4P5CEU3P Datasheet(PDF) 16 Page - STMicroelectronics

No. de pieza STM32L4P5CEU3P
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEU3P Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STM32L4P5CEU3P Datasheet HTML 12Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 13Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 14Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 15Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 16Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 17Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 18Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 19Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 311 page
background image
Description
STM32L4P5xx
16/311
DS12903 Rev 2
Table 2. STM32L4P5xx features and peripheral counts
Peripheral
STM32L4
P5CG/P5CE
(48 pins)
STM32L4
P5RG/P5RE
(64 pins)
STM32L4
P5VG/P5VE
(100 pins)
STM32L4
P5QG/P5QE
(132 pins)
STM32L4
P5ZG/P5ZE
(144 pins)
STM32L4
P5AG/P5AE
(169 pins)
Flash memory
Up to 1 Mbyte
SRAM
System
320 (128 + 64 + 128) Kbytes
Backup
128 bytes
External memory controller
for static memories
(FSMC)
No
Yes(1)
Yes
OCTOSPI
2(2)
2
Timers
Advanced
control
2 (16-bit)
General
purpose
5 (16-bit)
2 (32-bit)
Basic
2 (16-bit)
Low-power
2 (16-bit)
SysTick timer
1
Watchdog
timers
(independent,
window)
2
Comm.
interfaces
SPI
3
I2C4
USART/UART
UART
LPUART
3
2(3)
1
SAI
2
CAN
1
USB OTG FS
Yes
SDMMC
2(4)
Digital filters for sigma-
delta modulators
Number of channels
Yes (2 filters)
4
Real time clock (RTC)
Yes
Tamper pins
3
Camera interface
Yes(5)
PSSI
Yes(6)
Chrom-ART Accelerator
Yes
LTDC
Yes(7)
Yes
True random number
generator
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com