Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32L4P5CEU3P Datasheet(PDF) 159 Page - STMicroelectronics

No. de pieza STM32L4P5CEU3P
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEU3P Datasheet(HTML) 159 Page - STMicroelectronics

Back Button STM32L4P5CEU3P Datasheet HTML 155Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 156Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 157Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 158Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 159Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 160Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 161Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 162Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 163Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 311 page
background image
Table 38. Typical current consumption in Run and Low-power run modes with different codes
running from Flash, ART disable and power supplied by external SMPS
Symbol
Parameter
Conditions(1)
TYP
Single Bank
Mode
TYP
Dual Bank
Mode
Unit
TYP
Single Bank
Mode
TYP
Dual Bank
Mode
Unit
-
VDD12
fHCLK
Code
25°C
25°C
25°C
25°C
IDD
(Run)
Supply
current in
Run mode
fHCLK=fHSE up to
48 MHZ
included, bypass
mode PLL ON
above 48 MHz
all peripherals
disable
VDD12=
1.00V
fHCLK=
26 MHz
Reduced code
1.35
1.39
mA
52
53
µA/MHz
Coremark
1.41
1.29
54
50
Dhrystone2.1
1.43
1.31
55
51
Fibonacci
1.39
1.2
53
46
While(1)
1.09
1.09
42
42
VDD12=
1.10V
fHCLK=
26 MHz
Reduced code
1.63
1.68
mA
63
65
µA/MHz
Coremark
1.7
1.57
65
60
Dhrystone2.1
1.73
1.59
66
61
Fibonacci
1.68
1.45
65
56
While(1)
1.32
1.32
51
51
fHCLK=
80 MHz
Reduced code
4.49
4.31
mA
56
54
µA/MHz
Coremark
4.49
3.95
56
49
Dhrystone2.1
4.49
4.13
56
52
Fibonacci
4.31
3.77
54
47
While(1)
3.77
3.77
47
47
IDD
(Run)
Supply
current in
Run mode
fHCLK=fHSE up to
48 MHZ
included, bypass
mode PLL ON
above 48 MHz
all peripherals
disable
VDD12=
1.20V
fHCLK=
120
MHz
Reduced code
7.02
6.42
mA
58
53
µA/MHz
Coremark
6.82
6.02
57
50
Dhrystone 2.1
6.82
6.02
57
50
Fibonacci
6.82
5.61
57
47
While(1)
6.62
6.62
55
55
1.
All values are obtained by calculation based on measurements done without SMPS and using following parameters: SMPS input = 3.3 V, SMPS efficiency = 85%,
VDD12 = 1.10 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com