Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32L4P5CEI3P Datasheet(PDF) 88 Page - STMicroelectronics

No. de pieza STM32L4P5CEI3P
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEI3P Datasheet(HTML) 88 Page - STMicroelectronics

Back Button STM32L4P5CEI3P Datasheet HTML 84Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 85Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 86Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 87Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 88Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 89Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 90Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 91Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 311 page
background image
-
-
-
-
-
-
K5
K5
39
39
L7
L7
59
59
K7
K7
PE8
I/O FT
-
TIM1_CH1N,
DFSDM1_CKIN2,
LCD_B7, FMC_D5,
SAI1_SCK_B,
EVENTOUT
-
-
-
-
-
-
-
J5
J5
40
40
M8
M8
60
60
J7
J7
PE9
I/O FT
-
TIM1_CH1,
DFSDM1_CKOUT,
OCTOSPIM_P1_NCL
K, LCD_G2,
FMC_D6,
SAI1_FS_B,
EVENTOUT
-
-
---
--
---
-
F6
F6
61
61
M7
M7
VSS
S
-
-
-
-
-
---
--
---
-
G6
G6
62
62
N7
N7
VDD
S
-
-
-
-
-
-
-
-
-
-
H5
H5
41
41
L8
L8
63
63
H7
H7
PE10
I/O FT
-
TIM1_CH2N,
TSC_G5_IO1,
OCTOSPIM_P1_CLK
, LCD_G3, FMC_D7,
SAI1_MCLK_B,
EVENTOUT
-
-
-
-
-
-
-
K4
K4
42
42
M9
M9
64
64
N8
N8
PE11
I/O FT
-
TIM1_CH2,
TSC_G5_IO2,
OCTOSPIM_P1_NCS
, LCD_G4, FMC_D8,
EVENTOUT
-
Table 15. STM32L4P5xx pin definitions (continued)
Pin Number
Pin name
(function
after
reset)
Alternate functions
Additional
functions