| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32L4P5CEI3P Datasheet(PDF) 85 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L4P5CEI3P Datasheet(HTML) 85 Page - STMicroelectronics |
|
85 / 311 page ![]() 17 17 17 17 23 23 G6 J7 32 32 J5 J5 43 43 L4 L4 PA7 I/O FT _fl a - TIM1_CH1N, TIM3_CH2, TIM8_CH1N, I2C3_SCL, SPI1_MOSI, OCTOSPIM_P1_IO2, TIM17_CH1, EVENTOUT OPAMP2_VINM, ADC12_IN12 - - - - 24 24 K8 H6 33 33 K5 K5 44 44 H5 H5 PC4 I/O FT _a - OCTOSPIM_P2_NCS , USART3_TX, OCTOSPIM_P1_IO7, EVENTOUT COMP1_INM, ADC12_IN13 - - - - NC 25 - K8 34 34L5 L54545 J5 J5 PC5 I/O FT _a (3) SAI1_D3, PSSI_D15, USART3_RX, LCD_CLK, EVENTOUT COMP1_INP, ADC12_IN14, WKUP5 18 18 18 18 25 26 H6 J6 35 35 M5 M5 46 46 K5 K5 PB0 I/O TT _la - TIM1_CH2N, TIM3_CH3, TIM8_CH2N, SPI1_NSS, USART3_CK, OCTOSPIM_P1_IO1, LCD_B6, COMP1_OUT, SAI1_EXTCLK, EVENTOUT OPAMP2_VOUT, ADC12_IN15 Table 15. STM32L4P5xx pin definitions (continued) Pin Number Pin name (function after reset) Alternate functions Additional functions |