Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32L4P5CEU6P Datasheet(PDF) 308 Page - STMicroelectronics

No. de pieza STM32L4P5CEU6P
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEU6P Datasheet(HTML) 308 Page - STMicroelectronics

Back Button STM32L4P5CEU6P Datasheet HTML 303Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 304Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 305Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 306Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 307Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 308Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 309Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 310Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 311Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 308 / 311 page
background image
Ordering information
STM32L4P5xx
308/311
DS12903 Rev 2
8
Ordering information
For a list of available options (speed, package, etc.) or for further information on any aspect
of this device, please contact your nearest ST sales office.
Table 136. Ordering information scheme
Example:
STM32
L
4P5
V
G
T
6
P TR
Device family
STM32 =
Arm® based 32-bit microcontroller
Product type
L = ultra-low-power
Device subfamily
4P5 = STM32L4P5xx
Pin count
C = 48 pins
R = 64 pins
V = 100 pins/balls
Q = 132 balls
Z = 144 pins
A = 169 balls
Flash memory size
G = 1 Mbyte of Flash memory
E = 512 Kbytes of Flash memory
Package
I = UFBGA (7 x 7 mm)
T = LQFP
U = UFQFPN
Y = WLCSP
Temperature range
6 = Industrial temperature range, -40 to 85 °C (105 °C junction)
3 = Industrial temperature range, -40 to 125 °C (130°C junction)
SMPS
Blank= Standard production with integrated LDO
P = Dedicated pinout supporting external SMPS
Packing
TR = tape and reel
xxx = programmed parts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com