Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32L4P5CEU6P Datasheet(PDF) 307 Page - STMicroelectronics

No. de pieza STM32L4P5CEU6P
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEU6P Datasheet(HTML) 307 Page - STMicroelectronics

Back Button STM32L4P5CEU6P Datasheet HTML 303Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 304Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 305Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 306Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 307Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 308Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 309Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 310Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 311Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 307 / 311 page
background image
DS12903 Rev 2
307/311
STM32L4P5xx
Package information
307
Reference document
JESD51-2 Integrated Circuits Thermal Test Method Environment Conditions - Natural
Convection (Still Air). Available from www.jedec.org
ΘJB
Thermal resistance junction-board
UFQFPN48 - 7 × 7 mm
12.9
°C/W
Thermal resistance junction-board
LQFP48 - 7 × 7 mm
35.7
Thermal resistance junction-board
LQFP64 - 10 × 10 mm
37.7
Thermal resistance junction-board
LQFP100 - 14 × 14 mm
39.6
Thermal resistance junction-board
WLCSP100
NA
Thermal resistance junction-board
UFBGA132 - 7 × 7 mm
11.4
Thermal resistance junction-board
LQFP144 - 20 × 20 mm
41.8
Thermal resistance junction-board
UFBGA169 - 7 × 7 mm
13.4
ΘJC
Thermal resistance junction-case
UFQFPN48 - 7 × 7 mm
1.3
°C/W
Thermal resistance junction-case
LQFP48 - 7 × 7 mm
13.4
Thermal resistance junction-case
LQFP64 - 10 × 10 mm
13.2
Thermal resistance junction-case
LQFP100 - 14 × 14 mm
13
Thermal resistance junction-case
WLCSP100
NA
Thermal resistance junction-case
UFBGA132 - 7 × 7 mm
34.7
Thermal resistance junction-case
LQFP144 - 20 × 20 mm
12.8
Thermal resistance junction-case
UFBGA169 - 7 × 7 mm
34.7
Table 135. Package thermal characteristics (continued)
Symbol
Parameter
Value
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com