Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD4884BBCZ Datasheet(PDF) 26 Page - Analog Devices

No. de pieza AD4884BBCZ
Descripción Electrónicos  Dual-Channel 16-Bit, 20MSPS, SAR ADC with Analog Front End
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD4884BBCZ Datasheet(HTML) 26 Page - Analog Devices

Back Button AD4884BBCZ Datasheet HTML 22Page - Analog Devices AD4884BBCZ Datasheet HTML 23Page - Analog Devices AD4884BBCZ Datasheet HTML 24Page - Analog Devices AD4884BBCZ Datasheet HTML 25Page - Analog Devices AD4884BBCZ Datasheet HTML 26Page - Analog Devices AD4884BBCZ Datasheet HTML 27Page - Analog Devices AD4884BBCZ Datasheet HTML 28Page - Analog Devices AD4884BBCZ Datasheet HTML 29Page - Analog Devices AD4884BBCZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 116 page
background image
Data Sheet
AD4884
TERMINOLOGY
analog.com
Rev. 0 | 26 of 116
Integral Nonlinearity Error (INL)
INL refers to the deviation of each output code from a line drawn
between points at negative full scale and positive full scale. The
negative full-scale reference is defined by an input level equivalent
to ½ LSB prior to the first code transition. The positive full-scale
reference is defined as an input level that is 1½ LSB beyond the
last code transition. The deviation is measured from the center of
each code relative to the straight line.
Differential Nonlinearity Error (DNL)
In an ideal ADC, code transitions occur at 1 LSB intervals. DNL is a
measure of the maximum deviation of any code from the ideal code
width. DNL is specified in terms of resolution for which no missing
codes are guaranteed.
Zero Error
Zero error is the difference between the ideal midscale voltage, 0V,
and the applied voltage producing the midscale output code, 0 LSB.
Gain Error
Gain error is specified as the difference in the slope of the ADC
transfer characteristic vs. that of an ideal converter. In an ideal data
converter, the first code transition (100 … 00 to 100 … 01) occurs
½ LSB more than the nominal negative full-scale input (−2.999954V
for a ±3.0V range at 16 bits) and the last code transition (011 …
10 to 011 … 11) occurs 1½ LSB less than the nominal positive
full-scale input (+2.999863V for a ±3.0V range at 16 bits).
Signal-to-Noise Ratio (SNR)
SNR is the ratio of the RMS amplitude of an ADC full scale sine
wave to the RMS sum of all other spectral components below the
Nyquist frequency, excluding the first five harmonics and DC. The
value for SNR is expressed in decibels relative to full scale (dBFS).
Signal-to-Noise and Distortion (SINAD) Ratio
SINAD is the ratio of the RMS amplitude of an ADC full scale sine
wave to the root sum of squares of all other spectral components in
the Nyquist bandwidth (f < fS/2) including harmonic components but
excluding the DC component. The value for SINAD is expressed in
decibels relative to full scale (dBFS).
Noise Spectral Density (NSD)
Noise Spectral Density shows the noise power per unit bandwidth
measured at the output of the ADC. NSD is numerically derived
from the dynamic range (DR) specification of the ADC (which is
obtained through a shorted-input test). The derivation assumes that
the noise is evenly distributed (that is, white) across the Nyquist
bandwidth (f < fS/2):
NSD (dBFSHz)=−DR (dB)−10×log10 fS2
To convert from the logarithmic dBFS/Hz to linear nV/√Hz units:
NSD (nVHz)=VFullScale,RMS×10NSD (dBFS/Hz)
20
×109
Note that to obtain the NSD referred to the input of the AD4884, the
value must be multiplied by the gain of the FDA.
Total Harmonic Distortion (THD)
THD is the ratio of the RMS sum of the amplitudes of the first five
harmonic components of the input signal to the RMS amplitude
of the fundamental frequency (carrier). The value for THD is ex-
pressed in decibels relative to carrier (dBc).
Spurious-Free Dynamic Range (SFDR)
SFDR is the ratio of the RMS amplitude of an ADC full scale
sine wave to the peak spurious signal amplitude (excluding input
signal harmonic components). The value of SFDR is expressed in
decibels relative to full scale (dBFS).
Phase Angle Mismatch
Phase Angle Mismatch quantifies the difference in timing or phase
response between the two channels of the device. It is measured
by applying the same sine wave to both channels while sampling
simultaneously, and calculating the phase shift between the two
reconstructed waveforms.
Power-Supply Rejection Ratio (PSRR)
PSRR is a measure of the sensitivity of the ADC to variations in the
specified power supply rail vs. frequency. PSRR is computed as the
ratio of the observed change in the output code in RMS volts to the
RMS magnitude of the perturbing signal coupled to the supply. The
resulting ratio is reported in decibels (dB).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com