Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD4884BBCZ Datasheet(PDF) 35 Page - Analog Devices

No. de pieza AD4884BBCZ
Descripción Electrónicos  Dual-Channel 16-Bit, 20MSPS, SAR ADC with Analog Front End
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD4884BBCZ Datasheet(HTML) 35 Page - Analog Devices

Back Button AD4884BBCZ Datasheet HTML 31Page - Analog Devices AD4884BBCZ Datasheet HTML 32Page - Analog Devices AD4884BBCZ Datasheet HTML 33Page - Analog Devices AD4884BBCZ Datasheet HTML 34Page - Analog Devices AD4884BBCZ Datasheet HTML 35Page - Analog Devices AD4884BBCZ Datasheet HTML 36Page - Analog Devices AD4884BBCZ Datasheet HTML 37Page - Analog Devices AD4884BBCZ Datasheet HTML 38Page - Analog Devices AD4884BBCZ Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 116 page
background image
Data Sheet
AD4884
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 35 of 116
ANALOG INPUTS DRIVE AND GAIN
Each AD4884 channel has an integrated fully-differential amplifier
stage at the input. As shown in Figure 58, the feedback resistors
are fixed at 750Ω, whereas a set of three resistors can be arranged
in different ways to change the value of the effective series input
resistance, and hence modify the gain of this stage (see Figure 61
to Figure 74). Gains beyond the 5.77 configuration result in a noise
contribution from the FDA stage that dominates over that of the
ADC itself, so they are generally not recommended.
Figure 58. AD4884 Input (Shown for Channel A)
Table 11 shows the gains that can be obtained through different
input pin short configurations, along with the resulting input impe-
dance for both differential and single-ended driving. Notation is
according to Figure 59 and Figure 60, and the differential gain is
calculated as G = RF/RG.
The input of the AD4884 can be driven with either a differential
or a single-ended signal. For the single-ended case, note that the
input impedance of the circuit is effectively higher than it is for a
conventional operation amplifier (op amp) connected as an inverter
because a fraction of the differential output voltage appears at the
inputs as a common-mode signal, partially bootstrapping the volt-
age across the RG input resistor. As for the common-mode of the
input signal, note that absolute voltage limits (Input Common-Mode
Voltage Range specification) at the FDA SJ± pins must be respect-
ed. In Table 11, the permitted common mode range is worked out
for each gain under nominal FDA supply conditions (+VS = 5V,
−VS = −1V), including some headroom to avoid violating the Input
Common-Mode Voltage Range specification even on a transient
basis. For more details on the common-mode at the output of the
FDA, see the Reference Buffer and Common-Mode Output section.
Figure 59. FDA Input Impedance, Differential Drive
Figure 60. FDA Input Impedance, Single-Ended Drive
Table 11. FDA Gain Options
Gain
Differential Input
Voltage Range (V)
Input Signal Common-Mode
Range (+VS = 5V, −VS = −1V)
Required External
Shorting
FDA Stage Input
RG (Ω)
RIN,DIFF
(Ω)
RIN,SE
(Ω)
1.03
±2.92
−3.2V to +5.6V
None
IN1±
360 + 240 + 130 = 730
1460
978
1.25
±2.40
−2.8V to +5.2V
IN3↔SJ
IN1±
360 + 240 = 600
1200
831
1.53
±1.96
−2.4V to +4.9V
IN2↔IN3
IN1±
360 + 130 = 490
980
702
2.03
±1.48
−2.0V to +4.6V
IN1↔IN2
IN1± or IN2±
240 + 130 = 370
740
556
2.08
±1.44
−2.0V to +4.6V
IN2↔IN3↔SJ
IN1±
360
720
544
2.74
±1.10
−1.7V to +4.3V
IN1↔IN3
IN2±
(360 || 240) + 130 = 274
548
432
3.13
±0.96
−1.6V to +4.2V
IN1↔IN2, IN3↔SJ
IN1± or IN2±
240
480
386
4.11
±0.73
−1.4V to +4.1V
IN1↔SJ
IN2±
360 || (240 + 130) = 182.5
365
305
5.21
±0.58
−1.3V to +4.0V
IN1↔IN3↔SJ
IN2±
(360 || 240) = 144
288
248
5.77
±0.52
−1.3V to +3.9V
IN1↔IN2↔IN3
IN1± or IN2± or IN3±
130
260
227



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com