Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MPQ7220GR-AEC1 Datasheet(PDF) 8 Page - Monolithic Power Systems

No. de pieza MPQ7220GR-AEC1
Descripción Electrónicos  6-Channel, Max 100mA/Ch Boost LED Driver, AEC-Q100 Qualified
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MPS [Monolithic Power Systems]
Página de inicio  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ7220GR-AEC1 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MPQ7220GR-AEC1 Datasheet HTML 4Page - Monolithic Power Systems MPQ7220GR-AEC1 Datasheet HTML 5Page - Monolithic Power Systems MPQ7220GR-AEC1 Datasheet HTML 6Page - Monolithic Power Systems MPQ7220GR-AEC1 Datasheet HTML 7Page - Monolithic Power Systems MPQ7220GR-AEC1 Datasheet HTML 8Page - Monolithic Power Systems MPQ7220GR-AEC1 Datasheet HTML 9Page - Monolithic Power Systems MPQ7220GR-AEC1 Datasheet HTML 10Page - Monolithic Power Systems MPQ7220GR-AEC1 Datasheet HTML 11Page - Monolithic Power Systems MPQ7220GR-AEC1 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
MPQ7220
– 6-CHANNEL BOOST LED DRIVER WITH MAX 100mA/CHANNEL
MPQ7220 Rev. 1.0
MonolithicPower.com
8
7/30/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 12V, VEN = 2V, TJ = -40°C to +125°C, typical values at TJ = 25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Led Current Regulator
LEDX regulation voltage
VHD
ILED = 20mA
300
mV
ILED = 100mA
700
850
1000
mV
Current matching (6)
ILED = 20mA
-2.5
+2.5
%
ILED = 100mA
-2.5
+2.5
%
ISET voltage
VISET
1.2
V
LED current
ILED
RISET = 24.9k
Ω, TJ = 25°C
-2.5%
50
+2.5%
mA
RISET = 24.9k
Ω, TJ = -40°C
to +125°C, no over-
temperature LED current
decrement
-4%
50
+4%
mA
Protection
Over-voltage protection threshold
VOVP
1.9
2
2.1
V
OVP hysteresis
200
mV
OVP UVLO threshold
VOVP_UV
Step-up converter fails
100
mV
LEDX over-voltage threshold
VLEDX_OV STH floating or VSTH = 0.5V
4.3
4.7
5.1
V
LEDX over-voltage fault timer
6
7.7
10
ms
LEDX UVLO threshold
VLEDX_UV
100
mV
Thermal shutdown threshold (7)
TST
Rising edge
170
°C
Hysteresis
20
°C
SD pull-down current
ISD
40
55
70
µA
SD voltage (with respect to VIN)
VSD-IN
VIN = 12V, VIN - VSD
6
V
STH pull-up current
ISTH
STH pull-up current
18
μA
Notes:
6) Matching is defined as the difference of the maximum to minimum current divided by the setting current.
7) Not tested in production. Guaranteed by design and characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com