Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MPQ7220GR-AEC1 Datasheet(PDF) 23 Page - Monolithic Power Systems

No. de pieza MPQ7220GR-AEC1
Descripción Electrónicos  6-Channel, Max 100mA/Ch Boost LED Driver, AEC-Q100 Qualified
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MPS [Monolithic Power Systems]
Página de inicio  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ7220GR-AEC1 Datasheet(HTML) 23 Page - Monolithic Power Systems

Back Button MPQ7220GR-AEC1 Datasheet HTML 16Page - Monolithic Power Systems MPQ7220GR-AEC1 Datasheet HTML 17Page - Monolithic Power Systems MPQ7220GR-AEC1 Datasheet HTML 18Page - Monolithic Power Systems MPQ7220GR-AEC1 Datasheet HTML 19Page - Monolithic Power Systems MPQ7220GR-AEC1 Datasheet HTML 20Page - Monolithic Power Systems MPQ7220GR-AEC1 Datasheet HTML 21Page - Monolithic Power Systems MPQ7220GR-AEC1 Datasheet HTML 22Page - Monolithic Power Systems MPQ7220GR-AEC1 Datasheet HTML 23Page - Monolithic Power Systems MPQ7220GR-AEC1 Datasheet HTML 24Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
MPQ7220
– 6 Channels Boost LED Driver with Max 100mA/Channel
MPQ7220 Rev. 1.0
MonolithicPower.com
23
7/30/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
PACKAGE INFORMATION
QFN-24 (4mmx4mm)
PACKAGE OUTLINE DRAWING FOR 24L QFN (4X4mm)
MF-PO-D-0049 revision 2.0
SIDE VIEW
BOTTOM VIEW
NOTE:
1) ALL DIMENSIONS ARE IN MILLIMETERS.
2) EXPOSED PADDLE SIZE DOES NOT INCLUDE
MOLD FLASH.
3) LEAD COPLANARITY SHALL BE 0.08
MILLIMETERS MAX.
4) JEDEC REFERENCE IS MO-220
5) DRAWING IS NOT TO SCALE.
PIN 1 ID
MARKING
TOP VIEW
PIN 1 ID
INDEX AREA
RECOMMENDED LAND PATTERN
PIN 1 ID
0.30X45° TYP
0.10x45º



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com