Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC4558ID/IDT Datasheet(PDF) 4 Page - STMicroelectronics

No. de pieza MC4558ID/IDT
Descripción Electrónicos  Wide bandwidth dual bipolar operational amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MC4558ID/IDT Datasheet(HTML) 4 Page - STMicroelectronics

  MC4558ID/IDT Datasheet HTML 1Page - STMicroelectronics MC4558ID/IDT Datasheet HTML 2Page - STMicroelectronics MC4558ID/IDT Datasheet HTML 3Page - STMicroelectronics MC4558ID/IDT Datasheet HTML 4Page - STMicroelectronics MC4558ID/IDT Datasheet HTML 5Page - STMicroelectronics MC4558ID/IDT Datasheet HTML 6Page - STMicroelectronics MC4558ID/IDT Datasheet HTML 7Page - STMicroelectronics MC4558ID/IDT Datasheet HTML 8Page - STMicroelectronics MC4558ID/IDT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Electrical characteristics
MC4558
4/11
Doc ID 2181 Rev 3
3
Electrical characteristics
Table 4.
Electrical characteristics for VCC = ±15 V, Tamb = 25 °C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input offset voltage (Rs ≤10kΩ)
Tamb = +25°C
Tmin. ≤Tamb ≤Tmax.
15
6
mV
Iio
Input offset current
Tamb = +25°C
Tmin. ≤Tamb ≤Tmax.
20
100
200
nA
Iib
Input bias current
Tamb = +25°C
Tmin. ≤Tamb ≤Tmax.
50
400
500
nA
Avd
Large signal voltage gain (RL = 2kΩ, Vo = ±10V)
Tamb = +25°C
Tmin. ≤Tamb ≤Tmax.
50
25
200
V/mV
SVR
Supply voltage rejection ratio (Rs ≤10kΩ)
Tamb = +25°C
Tmin. ≤Tamb ≤Tmax.
77
77
90
dB
ICC
Supply current, all amplifiers, no load
Tamb = +25°C
Tmin. ≤Tamb ≤Tmax.
2.3
4.5
6
mA
Vicm
Input common mode voltage range
Tamb = +25°C
Tmin. ≤Tamb ≤Tmax.
±12
±12
V
CMR
Common-mode rejection ratio (Rs ≤10kΩ)
Tamb = +25°C
Tmin. ≤Tamb ≤Tmax.
70
70
90
dB
Ios
Output short-circuit current
10
20
40
mA
Vo
Output voltage swing
Tamb = +25°C RL = 10kΩ
RL = 2kΩ
Tmin. ≤Tamb ≤Tmax. RL = 10kΩ
RL = 2kΩ
±12
±10
±12
±10
±14
±13
V
SR
Slew rate
Vi = ±10, RL = 2kΩ, CL = 100pF, Tamb = 25°C, unity gain
1.5
2.2
V/µs
tr
Rise time
Vi = ±20mV, RL = 2kΩ, CL = 100pF, Tamb = 25°C, unity gain
0.3
µs
KOV
Overshoot
Vi = ±20mV, RL = 2kΩ, CL = 100pF, Tamb = 25°C, unity gain
15
%
Ri
Input resistance
0.3
2
M
Ω
Ci
Input capacitance
1.4
pF
Ro
Output resistance
75
Ω
B
Unity gain bandwidth
2.8
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11