Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC4558ID/IDT Datasheet(PDF) 5 Page - STMicroelectronics

No. de pieza MC4558ID/IDT
Descripción Electrónicos  Wide bandwidth dual bipolar operational amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MC4558ID/IDT Datasheet(HTML) 5 Page - STMicroelectronics

  MC4558ID/IDT Datasheet HTML 1Page - STMicroelectronics MC4558ID/IDT Datasheet HTML 2Page - STMicroelectronics MC4558ID/IDT Datasheet HTML 3Page - STMicroelectronics MC4558ID/IDT Datasheet HTML 4Page - STMicroelectronics MC4558ID/IDT Datasheet HTML 5Page - STMicroelectronics MC4558ID/IDT Datasheet HTML 6Page - STMicroelectronics MC4558ID/IDT Datasheet HTML 7Page - STMicroelectronics MC4558ID/IDT Datasheet HTML 8Page - STMicroelectronics MC4558ID/IDT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MC4558
Electrical characteristics
Doc ID 2181 Rev 3
5/11
GBP
Gain bandwidth product
Vi = 10mV, RL = 2kΩ, CL = 100pF, f = 100kHz, Tamb = 25°C
5.5
MHz
THD
Total harmonic distortion
f = 1kHz, Av = 20dB, RL = 2kΩ, Vo = 2Vpp, CL = 100pF, Tamb = 25°C
0.008
%
en
Equivalent input noise voltage (RS = 100Ω, f = 1kHz)
12
VO1/VO2
Channel separation
120
dB
Table 4.
Electrical characteristics for VCC = ±15 V, Tamb = 25 °C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
nV
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com