Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KPTC0 Datasheet(PDF) 15 Page - ITT Industries

No. de pieza KPTC0
Descripción Electrónicos  General Purpose Connectors with Crimp Contacts
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

KPTC0 Datasheet(HTML) 15 Page - ITT Industries

Back Button KPTC0 Datasheet HTML 11Page - ITT Industries KPTC0 Datasheet HTML 12Page - ITT Industries KPTC0 Datasheet HTML 13Page - ITT Industries KPTC0 Datasheet HTML 14Page - ITT Industries KPTC0 Datasheet HTML 15Page - ITT Industries KPTC0 Datasheet HTML 16Page - ITT Industries KPTC0 Datasheet HTML 17Page - ITT Industries KPTC0 Datasheet HTML 18Page - ITT Industries KPTC0 Datasheet HTML 19Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
15
KPTC
Type F
Typ E
with endbell
Dimensions are mm
Type F
Type E
Shell size*
B
F
D
F ØGF ØHF
L
F
B
E
L
E
max.
min.
min.
max.
max.
max.
max.
8
18,2
6,0
2,9
19,3
44,9
18,2
33,5
10
21,5
7,5
4,5
20,8
44,9
21,5
33,5
12
24,6
10,7
7,7
24,2
44,9
24,6
33,5
14
27,8
13,9
9,3
27,2
44,9
27,8
33,5
16
31,0
15,5
12,4
28,7
48,4
31,0
33,5
18
34,1
19,6
15,6
35,3
48,4
34,1
33,5
20
38,1
19,6
15,6
35,3
50,3
38,1
39,0
22
41,2
23,6
18,8
39,8
50,3
41,3
39,0
24
44,5
25,2
20,1
43,2
50,3
44,5
39,0
*) How to order see page 4
Jam Nut Receptacle KPTC7
Dimensions are inches
Type F
Type E
Shell size*
B
F
D
F Ø
G
F Ø
H
F
L
F
B
E
L
E
max
min
min
max
max
max
max
8
.717
.236
.114
.760
1.768
.717
1.319
10
.846
.295
.177
.819
1.768
.846
1.319
12
.969
.421
.303
.953
1.768
.969
1.319
14
1.094
.547
.366
1.071
1.768
1.094
1.319
16
1.220
.610
.488
1.130
1.906
1.220
1.319
18
1.343
.772
.614
1.390
1.906
1.343
1.319
20
1.500
.772
.614
1.390
1.980
1.500
1.535
22
1.622
.929
.740
1.567
1.980
1.622
1.553
24
1.752
.992
.791
1.701
1.980
1.752
1.535
*) How to order see page 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21