Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KPTC0 Datasheet(PDF) 19 Page - ITT Industries

No. de pieza KPTC0
Descripción Electrónicos  General Purpose Connectors with Crimp Contacts
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

KPTC0 Datasheet(HTML) 19 Page - ITT Industries

Back Button KPTC0 Datasheet HTML 13Page - ITT Industries KPTC0 Datasheet HTML 14Page - ITT Industries KPTC0 Datasheet HTML 15Page - ITT Industries KPTC0 Datasheet HTML 16Page - ITT Industries KPTC0 Datasheet HTML 17Page - ITT Industries KPTC0 Datasheet HTML 18Page - ITT Industries KPTC0 Datasheet HTML 19Page - ITT Industries KPTC0 Datasheet HTML 20Page - ITT Industries KPTC0 Datasheet HTML 21Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
19
KPTC
Protective Caps
KPTC 80
Dimensions are mm
Shell size
A
B Ø
C
D
L1
L2
L3
max.
+0,03
+0,25
+12,7
max.
max.
+0,79
-0,13
-0,13
-6,35
8
18,26
12,0
4,24
76,2
19,84
14,27
9,35
10
21,44
15,0
4,24
76,2
19,84
14,27
9,35
12
25,40
19,05
4,24
88,9
19,84
14,27
9,35
14
28,58
22,23
4,24
88,9
19,84
14,27
9,35
16
31,75
25,40
4,24
88,9
19,84
14,27
9,35
18
34,92
28,58
4,24
88,9
19,84
14,27
9,35
20
38,10
31,75
4,24
101,6
21,44
15,88
10,92
22
41,28
34,93
4,24
101,6
21,44
15,88
10,92
24
44,45
38,10
4,24
101,6
22,22
16,71
11,76
KPTC 81
Dimensions are mm
Shell size
A Ø
B
C
D
E
L1
L2
max.
+12,7
+0,25
max.
min.
max.
max.
-6,35
-0,13
8
18,64
76,2
4,24
22,62
14,68
21,44
14,27
10
21,82
76,2
4,24
25,40
17,86
21,44
14,27
12
25,40
88,9
4,24
30,18
22,63
21,44
14,27
14
28,58
88,9
4,24
36,53
25,81
21,44
14,27
16
31,75
88,9
4,24
39,67
28,98
21,44
14,27
18
34,92
88,9
4,24
42,88
32,16
21,44
14,27
20
38,10
101,6
4,24
46,02
35,33
21,44
14,27
22
41,28
101,6
4,24
49,23
38,51
21,44
14,27
24
44,45
101,6
4,24
52,37
41,68
22,22
15,29
KPTC 80
Dimensions are inches
Shell size
A
B
∅
C
D
L1
.L2
L3
max.
+ .001- .005
+ .010- .005 + .500- .250 max
max
+ .031
8
.719
.472
.167
3.000
.781
.562
.368
10
.844
.591
.167
3.000
.781
.562
.368
12
1.000
.750
.167
3.500
.781
.562
.368
14
1.125
.875
.167
3.500
.781
.562
.368
16
1.250
1.000
.167
3.500
.781
.562
.368
18
1.375
1.125
.167
3.500
.781
.562
.368
20
1.500
1.250
.167
4.000
.844
.625
.430
22
1.625
1.375
.167
4.000
.844
.625
.430
24
1.750
1.500
.167
4.000
.875
.658
.463
KPTC 81
Dimensions are inches
Shell size
A
∅
B
C
D
E
L1
L2
max.
+ .500- .250 + .010- .005 max.
min.
max.
max.
8
.734
3.000
.167
.890
.578
.844
.562
10
.859
3.000
.167
1.000
.703
.844
.562
12
1.000
3.500
.167
1.188
.891
.844
.562
14
1.125
3.500
.167
1.438
1.016
.844
.562
16
1.250
3.500
.167
1.562
1.141
.844
.562
18
1.375
3.500
.167
1.688
1.266
.844
.562
20
1.500
4.000
.167
1.812
1.391
.844
.562
22
1.625
4.000
.167
1.938
1.516
.844
.562
24
1.750
4.000
.167
2.062
1.641
.875
.602



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21