Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS3435CGLEFDDFR Datasheet(PDF) 26 Page - Texas Instruments

No. de pieza TPS3435CGLEFDDFR
Descripción Electrónicos  TPS3435 Nano IQ Precision Timeout Watchdog Timer
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

TPS3435CGLEFDDFR Datasheet(HTML) 26 Page - Texas Instruments

Back Button TPS3435CGLEFDDFR Datasheet HTML 22Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 23Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 24Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 25Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 26Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 27Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 28Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 29Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
actual device timing to vary such that the minimum of tWD can decrease and the maximum of tWD can increase
by the capacitor tolerance. For the most accurate timing, use ceramic capacitors with COG dielectric material.
8.2 Typical Applications
8.2.1 Design 1: Monitoring a Standard Microcontroller for Timeouts
This example application uses the TPS3435CDDBBDDFR to monitor a microcontroller to make sure it is not
stalled during operation.
VDD
GND
TPS3435
3.3V
Microcontroller
SET1
VCC
WD-EN
GND
MR
SET0
WDI
GPIO
Copyright © 2022, Texas Instruments Incorporated
RESET
WDO
Figure 8-1. Microcontroller Watchdog Monitoring Circuit
8.2.1.1 Design Requirements
PARAMETER
DESIGN REQUIREMENT
DESIGN RESULT
Watchdog Timeout Period
Typical timeout period of 40ms
Typical timeout period of 40ms
Watchdog Output Assert Delay
Typical output assert of 2ms
Typical output assert of 2ms
Startup Delay
Minimum startup delay of 700ms
Minimum startup delay of 900ms
Output logic voltage
Open-drain
Open-drain
Maximum device current
consumption
20µA
250nA typical, 3.0μA maximum(1)
(1)
Only includes the current consumption of the TPS3435.
8.2.1.2 Detailed Design Procedure
8.2.1.2.1 Setting the Watchdog Timeout Period
The watchdog timeout design requirement can be met either by using a fixed-timeout version of the TPS3435 or
by connecting a capacitor between the CWD pin and GND. The typical values can be met with preprogrammed
fixed time options, hence a pinout offering fixed time options is selected. Please see the Section 6.7 for a list
of fixed timeouts. If using the CWD feature, please refer to Section 7.3.1.1 for instructions on how to program
the timout period. In this application example, the 40ms timeout watchdog period is achieved by using watchdog
time of 10ms (option D) and watchdog time scaling of 4 (option B). Connect SET[1:0] = 0b'10 to select watchdog
time scaling of 4.
8.2.1.2.2 Setting Output Assert Delay
Please see the Section 6.8 for a list of fixed timeouts. Timeout option B was chosen to meet the design
requirement for a 2ms typical timeout.
8.2.1.2.3 Setting the Startup Delay
Startup delay option D is chosen, which offers a startup delay of 1s. This accounts for the minimum specification
of 700ms.
TPS3435
SNVSCF7A – DECEMBER 2022 – REVISED AUGUST 2024
www.ti.com
26
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TPS3435



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com