Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS3435CGLEFDDFR Datasheet(PDF) 21 Page - Texas Instruments

No. de pieza TPS3435CGLEFDDFR
Descripción Electrónicos  TPS3435 Nano IQ Precision Timeout Watchdog Timer
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

TPS3435CGLEFDDFR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS3435CGLEFDDFR Datasheet HTML 17Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 18Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 19Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 20Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 21Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 22Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 23Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 24Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
SET Pin (2 Pins) Operation; WD_EN Pin Not Available
SET[1:0]
00 = WD multiplier = 1
01 = WD Disabled
10 = WD multiplier = n
11 = WD multiplier = m
WD time value
tWD
WD Disabled
tWD X m
tWD X n
SET Pin (2 Pins) Operation; WD_EN Available = 1
SET[1:0]
00 or 01 = WD multiplier = 1
10 = WD multiplier = n
11 = WD multiplier = m
WD time value
tWD
tWD X m
tWD X n
tWD = Fixed based on OPN or programmable using capacitor
n,m
= Fixed based on timeset multiplier chosen
Figure 7-10. Watchdog Operation with 2 SET Pins
SET0
0 = WD multiplier = 1
1 = WD multiplier = n
0 = WD multiplier = 1
1 = WD multiplier = n
WD time
value
tWD
tWD X n
tWD
tWD X n
tWD = Fixed based on OPN or programmable using capacitor
n = Fixed based on timeset multiplier chosen
Figure 7-11. Watchdog Operation with 1 SET Pin
www.ti.com
TPS3435
SNVSCF7A – DECEMBER 2022 – REVISED AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TPS3435



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com