Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCC40181B Datasheet(PDF) 9 Page - STMicroelectronics

No. de pieza HCC40181B
Descripción Electrónicos  4-BIT ARITHMETIC LOGIC UNIT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC40181B Datasheet(HTML) 9 Page - STMicroelectronics

Back Button HCC40181B Datasheet HTML 4Page - STMicroelectronics HCC40181B Datasheet HTML 5Page - STMicroelectronics HCC40181B Datasheet HTML 6Page - STMicroelectronics HCC40181B Datasheet HTML 7Page - STMicroelectronics HCC40181B Datasheet HTML 8Page - STMicroelectronics HCC40181B Datasheet HTML 9Page - STMicroelectronics HCC40181B Datasheet HTML 10Page - STMicroelectronics HCC40181B Datasheet HTML 11Page - STMicroelectronics HCC40181B Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Plastic DIP24 (0.25) MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
a1
0.63
0.025
b
0.45
0.018
b1
0.23
0.31
0.009
0.012
b2
1.27
0.050
D
32.2
1.268
E
15.2
16.68
0.598
0.657
e
2.54
0.100
e3
27.94
1.100
F
14.1
0.555
I
4.445
0.175
L
3.3
0.130
P043A
HCC/HCF40181B
9/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12