Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UCD7100 Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza UCD7100
Descripción Electrónicos  UCD7100 Digital Control Compatible Single Low-Side ±4-A MOSFET Driver with Current Sense
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

UCD7100 Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCD7100 Datasheet HTML 2Page - Texas Instruments UCD7100 Datasheet HTML 3Page - Texas Instruments UCD7100 Datasheet HTML 4Page - Texas Instruments UCD7100 Datasheet HTML 5Page - Texas Instruments UCD7100 Datasheet HTML 6Page - Texas Instruments UCD7100 Datasheet HTML 7Page - Texas Instruments UCD7100 Datasheet HTML 8Page - Texas Instruments UCD7100 Datasheet HTML 9Page - Texas Instruments UCD7100 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
8.4 Thermal Information
THERMAL METRIC(1)
UCD7100
UNIT
HTSSOP
14 PINS
RθJA
Junction-to-ambient thermal resistance
44.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
35.3
RθJB
Junction-to-board thermal resistance
29.6
ψJT
Junction-to-top characterization parameter
1.5
ψJB
Junction-to-board characterization parameter
29.3
RθJC(bot)
Junction-to-case (bottom) thermal resistance
4.7
(1)
For more information about traditional and new thermal metrics, see the application report, IC Package Thermal Metrics Application
Report.
8.5 Electrical Characteristics
VDD = 12 V, 4.7-µF capacitor from VDD to GND, TA = TJ = –40°C to 105°C, (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
SUPPLY SECTION
Supply current, OFF
VDD = 4.2 V
200
400
µA
Supply current
Outputs not switching IN = LOW
1.5
2.5
mA
LOW VOLTAGE UNDER-VOLTAGE LOCKOUT
VDD UVLO ON
4.25
4.5
4.75
V
VDD UVLO OFF
4.05
4.25
4.45
VDD UVLO hysteresis
150
250
350
mV
REFERENCE / EXTERNAL BIAS SUPPLY
3V3 initial set point
TA = 25°C
3.267
3.3
3.333
V
3V3 over temperature
3.234
3.3
3.366
3V3 load regulation
ILOAD = 1 mA to 10 mA, VDD = 5 V
1
6.6
mV
3V3 line regulation
VDD = 4.75 V to 12 V, ILOAD = 10 mA
1
6.6
Short circuit current
VDD = 4.75 to 12 V
11
20
35
mA
3V3 OK threshold, ON
3.3 V rising
2.9
3.0
3.1
V
3V3 OK threshold, OFF
3.3 V falling
2.7
2.8
2.9
INPUT SIGNAL
HIGH, positive-going input threshold
voltage (VIT+)
1.65
2.08
V
LOW negative-going input threshold
voltage (VIT-)
1.16
1.5
Input voltage hysteresis, (VIT+ – VIT-)
0.6
0.8
Frequency
2
MHz
CURRENT LIMIT (ILIM)
ILIM internal current limit threshold
ILIM = OPEN
0.466
0.50
0.536
V
ILIM maximum current limit threshold
ILIM = 3.3 V
0.975
1.025
1.075
V
ILIM current limit threshold
ILIM = 0.75 V
0.700
0.725
0.750
ILIM minimum current limit threshold
ILIM = 0.25 V
0.21
0.23
0.25
mV
CLF output high level
CS > ILIM , ILOAD = -7 mA
2.64
V
CLF output low level
CS ≤ ILIM, ILOAD = 7 mA
0.66
Propagation delay from IN to CLF
IN rising to CLF falling after a current limit event
10
20
ns
CURRENT SENSE COMPARATOR
UCD7100
SLUS651E – MARCH 2005 – REVISED NOVEMBER 2021
www.ti.com
6
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: UCD7100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com