Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

L99LD01 Datasheet(PDF) 57 Page - STMicroelectronics

No. de pieza L99LD01
Descripción Electrónicos  High efficiency constant current LED driver for automotive applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD01 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button L99LD01 Datasheet HTML 53Page - STMicroelectronics L99LD01 Datasheet HTML 54Page - STMicroelectronics L99LD01 Datasheet HTML 55Page - STMicroelectronics L99LD01 Datasheet HTML 56Page - STMicroelectronics L99LD01 Datasheet HTML 57Page - STMicroelectronics L99LD01 Datasheet HTML 58Page - STMicroelectronics L99LD01 Datasheet HTML 59Page - STMicroelectronics L99LD01 Datasheet HTML 60Page - STMicroelectronics L99LD01 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 69 page
background image
DocID025319 Rev 3
57/69
L99LD01
SPI electrical characteristics
68
Figure 31. SPI maximum clock frequency
The maximum SPI clock frequency can be calculated as follows (see Figure 31):
tCLKQV(total) = tCLKrise(uC) + tCLKfilt(PCB) + tCLKQV(slave) + tsetup(uC)
fCLK(max) < ½ x tCLKQV(total)
Example:
tCLKQV = 25 ns + 100 ns + 250 ns + 25 ns = 400 ns
fCLK(max) < 1.25 MHz
Figure 32. NRES pin open drain structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69