Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M41TC8025AMC5F Datasheet(PDF) 24 Page - STMicroelectronics

No. de pieza M41TC8025AMC5F
Descripción Electrónicos  Highly accurate, temperature-compensated serial real-time clock (RTC) with embedded crystal
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41TC8025AMC5F Datasheet(HTML) 24 Page - STMicroelectronics

Back Button M41TC8025AMC5F Datasheet HTML 20Page - STMicroelectronics M41TC8025AMC5F Datasheet HTML 21Page - STMicroelectronics M41TC8025AMC5F Datasheet HTML 22Page - STMicroelectronics M41TC8025AMC5F Datasheet HTML 23Page - STMicroelectronics M41TC8025AMC5F Datasheet HTML 24Page - STMicroelectronics M41TC8025AMC5F Datasheet HTML 25Page - STMicroelectronics M41TC8025AMC5F Datasheet HTML 26Page - STMicroelectronics M41TC8025AMC5F Datasheet HTML 27Page - STMicroelectronics M41TC8025AMC5F Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
Operation
M41TC8025
24/41
DocID022873 Rev 4
2.7.3
Stopping the time update interrupt
Although the time update interrupt function cannot be fully stopped, if UIE=0, the time
update interrupt can be prevented.
Since RESET=1 will stop the clock divider below 4,096 Hz, both the one-second update and
one-minute update interrupts will be stopped.
2.7.4
Example operation of the time update interrupt
The time update interrupt example is given in Figure 14. The time update interrupt timing
sequence is given in Figure 15.
Figure 14. Example of time update interrupt operation
Note:
One-second update auto release time is 500 ms while one-minute auto release time is
7.8125 ms.
Figure 15. Time update interrupt timing sequence
1. The time update event occurs when the internal clock's value matches either the second update or the minute update
(selected by USEL bit).
2. When the time update occurs, the UF bit is set to 1.
3. Once UF=1, it remains until the user clears it to 0.
4. When the time update interrupt occurs, the IRQ pin output is driven low if UIE=1. If UIE=0 when a time update occurs, the
IRQ pin remains Hi-Z.
5. Each time an interrupt occurs, the IRQ pin output is driven low only up to time tRTN (fixed as 500 ms for the second update
and 7. 8125 ms for the minute update) after which it is automatically released to Hi-Z. The IRQ pin output is driven low
again when the next interrupt event occurs.
6. When the IRQ pin is low, it will be released to Hi-Z immediately when the UF bit is reset to 0.
7. When the IRQ pin is low, it will be released to Hi-Z immediately when the UIE bit is set to 0.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41