| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M41TC8025AMC5F Datasheet(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M41TC8025AMC5F Datasheet(HTML) 14 Page - STMicroelectronics |
|
14 / 41 page ![]() Operation M41TC8025 14/41 DocID022873 Rev 4 Note: 1 After the initial power-up or when the VLF bit is read as "1", the user must initialize all the registers before using the RTC. 2 Date and time data should be configured in the correct format. Clock operations are not guaranteed if the data is incorrect. 3 Only "0" can be written to the Test, UF, TF, AF, VLF or VDET bits. 4 Any bit marked with "0" should be written as "0" after initialization and the value read from these bits are all "0". 5 Any bit marked with "x" is a RAM bit and the data written/read will not affect RTC function. 6 The test bit is only for testing by the manufacturer. The user must write 0 to TEST bit. Table 4. Register map and default values Address Function Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 00h Seconds 0 40 20 10 8 4 2 1 01h Minutes 0 40 20 10 8 4 2 1 02h Hours 0 0 20 10 8 4 2 1 03h Day-of-week 0 6 5 4 3 2 1 0 04h Date (day of month) 0 0 20 10 8 4 2 1 05h Month 0 0 0 10 8 4 2 1 06h Year 80 40 20 10 8 4 2 1 07h RAM x x x xxxx x 08h Alarm minutes (default) AM_M (1) 40 20 10 8 4 2 1 09h Alarm hours (default) AM_H (1) x 20 10 842 1 0Ah Alarm day (default) AM_D (1) 6 5 4321 0 Alarm date (default) x 20 10 842 1 0Bh Timer counter 0 128 64 32 16 8 4 2 1 0Ch Timer counter 1 x x x x 2048 1024 512 256 0Dh Extension register (default) Test (0) WADA (0) USEL (0) TE (0) FSEL1 (0) FSEL0 (0) TSEL1 (0) TSEL0 (0) 0Eh Flag register (default) 00 UF (0) TF (0) AF (0) 0 VLF (1) VDET (1) 0Fh Control register (default) CSEL1 (0) CSEL0 (1) UIE (0) TIE (0) AIE (0) 00 RESET (0) Obsolete Product(s) - Obsolete Product(s) |