| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SPC563M64L7 Datasheet(PDF) 82 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC563M64L7 Datasheet(HTML) 82 Page - STMicroelectronics |
|
82 / 128 page ![]() Electrical characteristics SPC563M64x, SPC563M60x 82/128 DocID14642 Rev 12 VRH SR — Analog reference high voltage —VDDA – 0.1 — VDDA V VRH – VRL SR — VREF differential voltage — 4.75 — 5.25 V VDDF SR — Flash operating voltage (5) — 1.14 — 1.32 V VFLASH (6) SR — Flash read voltage — 4.75 — 5.25 V VSTBY SR — SRAM standby voltage Unregulated mode 0.95 — 1.2 V Regulated mode 2.0 — 5.5 VDDREG SR — Voltage regulator supply voltage(7) — 4.75 — 5.25 V VDDPLL SR — Clock synthesizer operating voltage — 1.14 — 1.32 V VSSPLL – VSS SR — VSSPLL to VSS differential voltage — –100 — 100 mV VIL_S CC C Slow/medium pad I/O input low voltage Hysteresis enabled VSS–0.3 — 0.35*VDDEH V P hysteresis disabled VSS–0.3 — 0.40*VDDEH VIL_F CC C Fast pad I/O input low voltage Hysteresis enabled VSS–0.3 — 0.35*VDDE V P hysteresis disabled VSS–0.3 — 0.40*VDDE VIL_LS CC C Multi-voltage pad I/O input low voltage in low-swing mode(8),(9),(10),(11) Hysteresis enabled VSS–0.3 — 0.8 V P Hysteresis disabled VSS–0.3 — 1.1 VIL_HS CC C Multi-voltage pad I/O input low voltage in high-swing mode Hysteresis enabled VSS–0.3 — 0.35 VDDEH V P Hysteresis disabled VSS–0.3 — 0.4 VDDEH VIH_S CC C Slow/medium pad I/O input high voltage Hysteresis enabled 0.65 VDDEH —VDDEH+0.3 V P hysteresis disabled 0.55 VDDEH —VDDEH+0.3 VIH_F CC C Fast pad I/O input high voltage Hysteresis enabled 0.65 VDDE —VDDE+0.3 V P hysteresis disabled 0.55 VDDE —VDDE+0.3 Table 23. DC electrical specifications (continued) Symbol C Parameter Conditions Value Unit Min Typ Max |