| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SPC563M64L7 Datasheet(PDF) 69 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC563M64L7 Datasheet(HTML) 69 Page - STMicroelectronics |
|
69 / 128 page ![]() DocID14642 Rev 12 69/128 SPC563M64x, SPC563M60x Electrical characteristics 127 VDDA SR Analog supply voltage(4) Reference to VSSA – 0.3 5.5 V VDDE SR I/O supply voltage(6) – 0.3 3.6 V VDDEH SR I/O supply voltage(4) – 0.3 5.5 V VIN SR DC input voltage(7) VDDEH powered I/O pads –1.0(8) VDDEH + 0.3 V (9) V VDDE powered I/O pads –1.0(10) VDDE + 0.3 V (10) VDDA powered I/O pads –1.0 VDDA + 0.3 V VDDREG SR Voltage regulator supply voltage(6) – 0.3 5.5 V VRH SR Analog reference high voltage Reference to VRL – 0.3 5.5 V VSS – VSSA SR VSS differential voltage – 0.1 0.1 V VRH – VRL SR VREF differential voltage (6) – 0.3 5.5 V VRL – VSSA SR VRL to VSSA differential voltage – 0.3 0.3 V VSSPLL – VSS SR VSSPLL to VSS differential voltage – 0.1 0.1 V IMAXD SR Maximum DC digital input current(11) Per pin, applies to all digital pins – 3 3 mA IMAXA SR Maximum DC analog input current(12) Per pin, applies to all analog pins —5 mA TJ SR Maximum operating temperature range(13) – die junction temperature – 40.0 150.0 oC TSTG SR Storage temperature range – 55.0 150.0 oC TSDR SR Maximum solder temperature(14) — 260.0 oC MSL SR Moisture sensitivity level(15) —3 — 1. Functional operating conditions are given in the DC electrical specifications. Absolute maximum ratings are stress ratings only, and functional operation at the maxima is not guaranteed. Stress beyond the listed maxima may affect device reliability or cause permanent damage to the device. 2. Allowed 2 V for 10 hours cumulative time, remaining time at 1.2 V +10%. 3. The VFLASH supply is connected to VDDEH1. 4. Allowed 6.8 V for 10 hours cumulative time, remaining time at 5 V +10%. 5. The pin named as VRC33 is internally connected to the pads VFLASH and VRC33 in the LQFP144 package. These limits apply when the internal regulator is disabled and VRC33 power is supplied externally. 6. All functional non-supply I/O pins are clamped to VSS and VDDE, or VDDEH. 7. AC signal overshoot and undershoot of up to 2.0 V of the input voltages is permitted for an accumulative duration of 60 hours over the complete lifetime of the device (injection current not limited for this duration). Table 9. Absolute maximum ratings(1) (continued) Symbol Parameter Conditions Value Unit min max |