Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MB85RS16 Datasheet(PDF) 18 Page - RAMXEED LIMITED

No. de pieza MB85RS16
Descripción Electrónicos  16 K (2 K X 8) Bit SPI
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RAMXEED [RAMXEED LIMITED]
Página de inicio  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RS16 Datasheet(HTML) 18 Page - RAMXEED LIMITED

Back Button MB85RS16 Datasheet HTML 14Page - RAMXEED LIMITED MB85RS16 Datasheet HTML 15Page - RAMXEED LIMITED MB85RS16 Datasheet HTML 16Page - RAMXEED LIMITED MB85RS16 Datasheet HTML 17Page - RAMXEED LIMITED MB85RS16 Datasheet HTML 18Page - RAMXEED LIMITED MB85RS16 Datasheet HTML 19Page - RAMXEED LIMITED MB85RS16 Datasheet HTML 20Page - RAMXEED LIMITED MB85RS16 Datasheet HTML 21Page - RAMXEED LIMITED MB85RS16 Datasheet HTML 22Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
MB85RS16
18
DS501-00014-9v2-E
ESD AND LATCH-UP
• Current method of Latch-Up Resistance Test
Note : The voltage VIN is increased gradually and the current IIN of 300 mA at maximum shall flow.
Confirm the latch up does not occur under IIN   300 mA.
In case the specific requirement is specified for I/O and IIN cannot be 300 mA, the voltage shall be
increased to the level that meets the specific requirement.
Test
DUT
Value
ESD HBM (Human Body Model)
JESD22-A114 compliant
MB85RS16PNF-G-JNE1
|2000 V|
ESD MM (Machine Model)
JESD22-A115 compliant
|200 V|
ESD CDM (Charged Device Model)
JESD22-C101 compliant
Latch-Up (I-test)
JESD78 compliant
Latch-Up (Vsupply overvoltage test)
JESD78 compliant
Latch-Up (Current Method)
Proprietary method
Latch-Up (C-V Method)
Proprietary method
|200 V|
A
VDD
VSS
DUT
V
IIN
VIN
+
-
Test terminal
Protection Resistor
VDD
(Max.Rating)
Reference
terminal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com