Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MB85RS16 Datasheet(PDF) 1 Page - RAMXEED LIMITED

No. de pieza MB85RS16
Descripción Electrónicos  16 K (2 K X 8) Bit SPI
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RAMXEED [RAMXEED LIMITED]
Página de inicio  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RS16 Datasheet(HTML) 1 Page - RAMXEED LIMITED

  MB85RS16 Datasheet HTML 1Page - RAMXEED LIMITED MB85RS16 Datasheet HTML 2Page - RAMXEED LIMITED MB85RS16 Datasheet HTML 3Page - RAMXEED LIMITED MB85RS16 Datasheet HTML 4Page - RAMXEED LIMITED MB85RS16 Datasheet HTML 5Page - RAMXEED LIMITED MB85RS16 Datasheet HTML 6Page - RAMXEED LIMITED MB85RS16 Datasheet HTML 7Page - RAMXEED LIMITED MB85RS16 Datasheet HTML 8Page - RAMXEED LIMITED MB85RS16 Datasheet HTML 9Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Copyright 2025.02 RAMXEED LIMITED
Fujitsu Semiconductor Memory Solutions Limited has changed its name to RAMXEED Limited.
RAMXEED Limited will continue to offer and support existing products while maintaining Fujitsu's
part number unchanged.
Memory FeRAM
16 K (2 K  8) Bit SPI
MB85RS16
DESCRIPTION
MB85RS16 is a FeRAM (Ferroelectric Random Access Memory) chip in a configuration of 2,048 words 
8 bits, using the ferroelectric process and silicon gate CMOS process technologies for forming the nonvolatile
memory cells.
MB85RS16 adopts the Serial Peripheral Interface (SPI).
The MB85RS16 is able to retain data without using a back-up battery, as is needed for SRAM.
The memory cells used in the MB85RS16 can be used for 1012 read/write operations, which is a significant
improvement over the number of read and write operations supported by Flash memory and E2PROM.
MB85RS16 does not take long time to write data like Flash memories or E2PROM, and MB85RS16 takes
no wait time.
FEATURES
• Bit configuration
: 2,048 words  8 bits
• Serial Peripheral Interface
: SPI (Serial Peripheral Interface)
Correspondent to SPI mode 0 (0, 0) and mode 3 (1, 1)
• Operating frequency
: 20 MHz (Max)
• High endurance
: 1 trillion Read/Writes per byte
• Data retention
: 10 years (  85 C), 95 years (  55 C), over 200 years (  35 C)
• Operating power supply voltage : 2.7 V to 3.6 V
• Low power consumption
: Operating power supply current 1.5 mA (Typ@20 MHz)
Standby current 5 A (Typ)
• Operation ambient temperature range :  40 C to +85 C
• Package
: 8-pin plastic SOP
RoHS compliant
DS501-00014-9v2-E


Número de pieza similar - MB85RS16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
fujitsu semiconductor
MB85RS16 FUJITSU-MB85RS16 Datasheet
299Kb / 32P
16 K (2 K횞8) ?볝긿?늆PI
MB85RS16N FUJITSU-MB85RS16N Datasheet
375Kb / 28P
16 K (2 K 횞 8) Bit SPI
logo
RAMXEED LIMITED
MB85RS16N RAMXEED-MB85RS16N Datasheet
2Mb / 37P
16 K (2 K x 8) Bit SPI
logo
fujitsu semiconductor
MB85RS16NPN-G-AMEWE1 FUJITSU-MB85RS16NPN-G-AMEWE1 Datasheet
375Kb / 28P
16 K (2 K 횞 8) Bit SPI
MB85RS16NPN-G-AMEWE1 FUJITSU-MB85RS16NPN-G-AMEWE1 Datasheet
375Kb / 28P
16 K (2 K 횞 8) Bit SPI
More results

Descripción similar - MB85RS16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
fujitsu semiconductor
MB85RC16 FUJITSU-MB85RC16 Datasheet
138Kb / 20P
Memory FRAM 16 K (2 K x 8) Bit I2C
MB85RC128 FUJITSU-MB85RC128 Datasheet
142Kb / 20P
Memory FRAM 128 K (16 K x 8) Bit I2C
MB85RS64A FUJITSU-MB85RS64A Datasheet
224Kb / 20P
Memory FRAM 64 K (8 K x 8) Bit SPI
MB85RS128A FUJITSU-MB85RS128A Datasheet
224Kb / 20P
Memory FRAM 128K (16 K x 8) Bit SPI
MB85RS256A FUJITSU-MB85RS256A Datasheet
224Kb / 20P
Memory FRAM 256 K (32 K x 8) Bit SPI
logo
Cypress Semiconductor
CYDMX256A16 CYPRESS-CYDMX256A16 Datasheet
691Kb / 25P
16 K/8 K/4 K x 16 MoBL ADM 16 K/8 K/4 K x 16 MoBL ADM High speed access
logo
fujitsu semiconductor
MB85RC16VPNF-G FUJITSU-MB85RC16VPNF-G Datasheet
306Kb / 29P
16 K (2 K 횞 8) Bit I2C
MB85RS16N FUJITSU-MB85RS16N Datasheet
375Kb / 28P
16 K (2 K 횞 8) Bit SPI
MB85RS16NPNF-G FUJITSU-MB85RS16NPNF-G Datasheet
375Kb / 28P
16 K (2 K 횞 8) Bit SPI
MB85RS256BPNF-G FUJITSU-MB85RS256BPNF-G Datasheet
314Kb / 28P
256 K (32 K 횞 8) Bit SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com