Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MB85RS4MT Datasheet(PDF) 25 Page - RAMXEED LIMITED

No. de pieza MB85RS4MT
Descripción Electrónicos  4 M (512 K X 8) Bit SPI
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RAMXEED [RAMXEED LIMITED]
Página de inicio  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RS4MT Datasheet(HTML) 25 Page - RAMXEED LIMITED

Back Button MB85RS4MT Datasheet HTML 21Page - RAMXEED LIMITED MB85RS4MT Datasheet HTML 22Page - RAMXEED LIMITED MB85RS4MT Datasheet HTML 23Page - RAMXEED LIMITED MB85RS4MT Datasheet HTML 24Page - RAMXEED LIMITED MB85RS4MT Datasheet HTML 25Page - RAMXEED LIMITED MB85RS4MT Datasheet HTML 26Page - RAMXEED LIMITED MB85RS4MT Datasheet HTML 27Page - RAMXEED LIMITED MB85RS4MT Datasheet HTML 28Page - RAMXEED LIMITED MB85RS4MT Datasheet HTML 29Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
MB85RS4MT
DS501-00053-3v1-E
25
2. Emboss Tape (MB85RS4MTPF-G-BCERE1)
2.1 Tape Dimensions (not drawn to scale)
(8-pin plastic SOP 208mil)
Maximum storage capacity
pcs/reel(254mm)
pcs/inner box
pcs/outer box
500
500
(1 pack/inner box)
3,000
(6 inner boxes/outer box:Max.)
(Dimensions in mm)
Heat proof temperature : No heat resistance.
Package should not be baked by using tape and reel.
12.00
4.00
0.30
2.00
B
B
A
A
8.30
SEC.A-A
SEC.B-B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com