Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MB85RS4MT Datasheet(PDF) 18 Page - RAMXEED LIMITED

No. de pieza MB85RS4MT
Descripción Electrónicos  4 M (512 K X 8) Bit SPI
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RAMXEED [RAMXEED LIMITED]
Página de inicio  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RS4MT Datasheet(HTML) 18 Page - RAMXEED LIMITED

Back Button MB85RS4MT Datasheet HTML 14Page - RAMXEED LIMITED MB85RS4MT Datasheet HTML 15Page - RAMXEED LIMITED MB85RS4MT Datasheet HTML 16Page - RAMXEED LIMITED MB85RS4MT Datasheet HTML 17Page - RAMXEED LIMITED MB85RS4MT Datasheet HTML 18Page - RAMXEED LIMITED MB85RS4MT Datasheet HTML 19Page - RAMXEED LIMITED MB85RS4MT Datasheet HTML 20Page - RAMXEED LIMITED MB85RS4MT Datasheet HTML 21Page - RAMXEED LIMITED MB85RS4MT Datasheet HTML 22Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
MB85RS4MT
18
DS501-00053-3v1-E
NOTE ON USE
We recommend programming of the device after reflow. Data written before reflow cannot be guaranteed.
Read/Write endurance about FeRAM
The value for Read/Write endurance apply to the total number of read and write operations per row in
FeRAM. This is because FeRAM needs writing operation after each reading operations.Each row in the
memory array has 32 internal outputs, and 8 outputs are selected by A0 and A1. In continuous Read/Write
operations, after selecting a certain address and automatically incrementing until A0 and A1 change from
(0,0) to (1,1), the Read/Write count endurance count is totaled as one operation. Subsequently, when
incrementing automatically and switching to the next row, each row is counted as a new Read/Write operation.
If /CS is raised and then the same row is selected again, it is counted as the second operation for that row.
As an actual usage example, if you loop through and access only a memory area (64 bytes or 256 bytes)
specified by a specific address in the entire memory area, the number of years it will take to reach 1014times
is as below.
As shown here, with a write endurance of 1014 times, even in extreme cases there is enough time before
the upper limit is reached, and under normal conditions of use it can be used without worrying about the
number of writes/reads.
Operating
frequency
Years reached when looping con-
tinuously through 64 byte area
Years reached when looping contin-
uously through 256 byte area
40MHz
42.6
164
20MHz
85.1
328
10MHz
170.0
657



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com