| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CPP-BASE Datasheet(PDF) 2 Page - Juniper Networks, Inc. |
|
|
|||||||||||||||||||||||||||||
CPP-BASE Datasheet(HTML) 2 Page - Juniper Networks, Inc. |
|
2 / 4 page ![]() 2 Data Sheet Junos Space Cross Provisioning Platform - Service modification - Service migration (for instance, moving a service from port x to port y) - Service- and device-level monitoring and troubleshooting - Service audits • Support for provisioning more than 500,000 services Figure 1. Junos Space Cross Provisioning Platform overview Device and Service Life Cycle Management Through Junos Space CPP The typical life cycle of Juniper and third-party devices and services consists of four administrative tasks: • Discovery: Before a network operator can provision services, the targeted devices must be discovered. While Junos Space CPP natively discovers Juniper devices through the Junos Space infrastructure, it uses a third-party adapter to make appropriate calls into third-party network management systems to retrieve device inventory information. • Provisioning: Junos Space CPP provides the functionality required to apply default configurations to Juniper devices depending on their roles, and it includes a flexible framework for provisioning services across multivendor devices. The third-party adaptor invokes provisioning services using the northbound interface (NBI) of the third-party device’s NMS, which also pushes the required configuration to Juniper devices through the Junos Space Service Activation infrastructure. • Modification: Junos Space CPP allows service operators to easily modify already deployed services. With Juniper devices, this can be done for device and service configurations. With third-party devices, modifications can be applied to existing service configurations. In addition, CPP also allows modifications to be made against a set of services or a set of devices. Alternatively, operators can decommission individual or sets of services deployed on third-party devices. Modifications can include migrating services from one port to another or across different chassis. Figure 2. Service life cycle management d Se rvi ce atio n d Se rvice an d A u Serv ice , C om Devic e C om ss ion ing ot ing Dev ice Device and Service Lifecycle Management 1 Discovery Device Discovery 3 Modification Modify Operations (Device, Service) Bulk Service Changes (Device, Service) Service Migration (Port x to Proxy) 4 Troubleshooting Device Validation Scripts Device Troubleshooting Op Scripts Service Troubleshooting Op Scripts Golden Template on Device Using Device Configlets Service Provisioning E-LINE, L3VPN, Peering, E-LAN 2 Provisioning Third Party Vendor NMS Junos Space EMS Junos Space Platform Carrier Ethernet Network Third Party Vendor Hardware Juniper Hardware Service Activation Flex Services REST API CPP Northbound REST APIs REST API/ Java API E-LINE / E-LAN / L3VPN / IPTV L3VPN Services Third Party Adapter |