| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CPP-BASE Datasheet(PDF) 1 Page - Juniper Networks, Inc. |
|
|
|||||||||||||||||||||||||||||
CPP-BASE Datasheet(HTML) 1 Page - Juniper Networks, Inc. |
|
1 / 4 page ![]() Data Sheet 1 Product Overview Junos Space Cross Provisioning Platform (CPP) is a Junos Space application that acts like a “manager of managers” to provision services across multivendor devices. CPP facilitates provisioning of E-LINE, L2/L3 VPN, and virtual private LAN services (VPLS) between Juniper and third-party devices. Its framework can also be extended to support other vendors’ products through incremental research and development efforts. Product Description Traditional IT platforms such as operations/business support systems (OSS/BSS) are typically customized to meet a service provider’s specific service provisioning needs. These platforms and IT projects require huge upfront CapEx investments. Implementing a new service, or tweaking a small feature in an existing service profile, is an expensive endeavor that can take more than a year to accomplish in a typical service provider environment; by the time it is implemented, the service is often no longer relevant. As a Juniper Networks® Junos® Space application, Junos Space Cross Provisioning Platform (CPP) provides a “one-size-fits-all” solution that breaks the existing IT model by enabling service providers to quickly design and deploy new services in a multivendor network with minimal financial overhead. Service providers who need to provision services in a multivendor environment face multiple challenges, including: • Tying together element/network management systems (EMS/NMS) from different vendors and orchestrating services across a multivendor network • Quickly reacting to customer needs to deliver new services • Troubleshooting and maintaining services in a multivendor network Architecture and Key Components Junos Space CPP uses a script-based approach to service provisioning through the Flex Services framework, which facilitates flexible service creation and design without requiring a complicated software development cycle. Complex configurations such as quality of service (QoS), firewall policies, and business logic can be accommodated easily through the use of predefined scripts that allow network operators to: • Create a data model for a new service • Create a user interface to define new services • Define business logic for deploying the new service on Juniper and non-Juniper devices • Implement complex workflows that provide orchestration and service chaining functionality Junos Space CPP supports the following key functionality: • Common UI for managing services provisioned across only Juniper devices, only non- Juniper devices, or a combination of both Juniper and non-Juniper devices • Multivendor service provisioning, including: - Service resource management (route descriptor, route targets, etc.) - Device and service discovery - Templates for a variety of services - Managed carrier Ethernet services (E-LINE/VLL, E-LAN, L3VPN, and IPTV L3VPN) Junos Space Cross Provisioning Platform Your ideas. Connected.™ |
Número de pieza similar - CPP-BASE |
|
Descripción similar - CPP-BASE |