| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DFR0620 Datasheet(PDF) 1 Page - DFROBOT |
|
|
|||||||||||||||||||||||||||||
DFR0620 Datasheet(HTML) 1 Page - DFROBOT |
|
1 / 18 page ![]() ESP-EYE Development Board SKU:DFR0620 Introduction ESP-EYE is a development board for image recognition and speech signal processing, on which it integrates an on-board ESP32 chip, a 2 megapixel camera, and a digital microphone, 8MByte PSRAM and 4MByte flash. The board also supports image transmission via Wi-Fi and debugging through a Micro-USB port. What’s more, there is a complete AIoT solution for the product, including the ESP-EYE development board, ESP-WHO AI frameworks, and ESP-IDF software SDK, which enables users to explore the benefits of combining of AI technology and IoT applications. |
Número de pieza similar - DFR0620 |
|
Descripción similar - DFR0620 |