Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

WR06 Datasheet(PDF) 7 Page - Multicomp Pro

No. de pieza WR06
Descripción Electrónicos  Thick Film General Purpose Chip Resistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MULTICOMP [Multicomp Pro]
Página de inicio  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

WR06 Datasheet(HTML) 7 Page - Multicomp Pro

  WR06 Datasheet HTML 1Page - Multicomp Pro WR06 Datasheet HTML 2Page - Multicomp Pro WR06 Datasheet HTML 3Page - Multicomp Pro WR06 Datasheet HTML 4Page - Multicomp Pro WR06 Datasheet HTML 5Page - Multicomp Pro WR06 Datasheet HTML 6Page - Multicomp Pro WR06 Datasheet HTML 7Page - Multicomp Pro WR06 Datasheet HTML 8Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Page <7>
V1.0
07/05/25
Thick Film General Purpose Chip Resistors
WR12, WR08, WR06, WR04
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Test Condition For Jumper (0Ω)
Item
WR12
WR08
WR06
WR04
Power Rating at 70°C
1/4W
1/8W
1/10W
1/16W
Resistance
MAX. 50mΩ
Rated Current
2A
1.5A
1A
1A
Peak Current
5A
3.5A
3A
2A
Operating Temperature
-55°C to +155° C
Dimensions : Millimetres
Packaging
Paper Tape specifications
Series No.
A
B
W
F
E
WR12
3.6 ±0.2
2 ±0.2
8 ±0.3
3.5 ±0.2
1.75 ±0.1
WR08
2.4 ±0.2
1.65 ±0.2
WR06
1.9 ±0.2
1.1 ±0.2
WR04
1.2 ±0.1
0.7 ±0.1
Series No.
P1
P0
D
T
WR12/WR08
4 ±0.1
4 ±0.1
Ø1.5 +0.1
-0.0
Max. 1
WR06
0.65 ±0.05
WR04
2 ±0.1
0.4 ±0.05



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com