Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

WR06 Datasheet(PDF) 6 Page - Multicomp Pro

No. de pieza WR06
Descripción Electrónicos  Thick Film General Purpose Chip Resistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MULTICOMP [Multicomp Pro]
Página de inicio  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

WR06 Datasheet(HTML) 6 Page - Multicomp Pro

  WR06 Datasheet HTML 1Page - Multicomp Pro WR06 Datasheet HTML 2Page - Multicomp Pro WR06 Datasheet HTML 3Page - Multicomp Pro WR06 Datasheet HTML 4Page - Multicomp Pro WR06 Datasheet HTML 5Page - Multicomp Pro WR06 Datasheet HTML 6Page - Multicomp Pro WR06 Datasheet HTML 7Page - Multicomp Pro WR06 Datasheet HTML 8Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Page <6>
V1.0
07/05/25
Thick Film General Purpose Chip Resistors
WR12, WR08, WR06, WR04
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Test
Procedure / Test Method
Requirement
Resistor
0Ω
High
Temperature
Exposure
MIL-STD-202
method 108
1,000 +48/-0 hours; without load in a temperature chamber
controlled 155 ±3°C
±5%:∆R/Rmax.±(2%+0.1Ω)
±1%:∆R/Rmax.±(1%+0.1Ω)
No visible damage
<50mΩ
Bending
strength
JISC5201-1:
1998
Clause 4.33
Resistors mounted on a 90mm glass epoxy resin PCB(FR4),
bending once 3mm for 10sec, 5mm for MCWR04
±5%:∆R/Rmax.±(1%+0.05Ω)
±1%:∆R/Rmax.±(1%+0.05Ω)
No visual damaged
<50mΩ
Adhesion
JISC5201-1:
1998
Clause 4.32
Pressurizing force: 5N, Test time: 10 ±1sec.
No remarkable damage or removal of
the terminations
Short Time
Overload
(STOL)
JISC5201-1:
1998
Clause 4.13
2.5 times RCWV or max. overload voltage, for 5seconds
±5%:∆R/Rmax.±(2%+0.05Ω)
±1%:∆R/Rmax.±(1%+0.05Ω)
No visual damaged
<50mΩ
Load life in
Humidity
JISC5201-1:
1998
Clause 4.24
1000 +48/-0 hours, loaded with RCWV or Vmax in humidity
chamber controller at 40°C± 2°C and 90 to 95% relative humid-
ity, 1.5hours on and 0.5 hours off
±5%:∆R/Rmax.±(2%+0.1Ω)
±1%:∆R/Rmax.±(1%+0.1Ω)
No visual damaged
<50mΩ
Load life
(endurance)
JISC5201-1:
1998
Clause 4.25
1000 +48/-0 hours, loaded with RCWV or Vmax in chamber
controller 70±2ºC, 1.5 hours on and 0.5 hours off
±5%:∆R/Rmax.±(3%+0.1Ω)
±1%:∆R/Rmax.±(1%+0.1Ω)
No visual damaged
<50mΩ
Insulation
Resistance
JISC5201-1:
1998
Clause 4.6
Apply the maximum overload voltage (DC) for 1minute
R 10GΩ
Dielectric
Withstand
Voltage
JISC5201-1:
1998
Clause 4.7
Apply the maximum overload voltage (AC) for 1 minute
No breakdown or flashover



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com