Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

JANMS318110CLL Datasheet(PDF) 4 Page - Amphenol PCD, Inc

No. de pieza JANMS318110CLL
Descripción Electrónicos  QPL ACCESSORIES & DUST CAPS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMPHENOLPCD [Amphenol PCD, Inc]
Página de inicio  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

JANMS318110CLL Datasheet(HTML) 4 Page - Amphenol PCD, Inc

  JANMS318110CLL Datasheet HTML 1Page - Amphenol PCD, Inc JANMS318110CLL Datasheet HTML 2Page - Amphenol PCD, Inc JANMS318110CLL Datasheet HTML 3Page - Amphenol PCD, Inc JANMS318110CLL Datasheet HTML 4Page - Amphenol PCD, Inc JANMS318110CLL Datasheet HTML 5Page - Amphenol PCD, Inc JANMS318110CLL Datasheet HTML 6Page - Amphenol PCD, Inc JANMS318110CLL Datasheet HTML 7Page - Amphenol PCD, Inc JANMS318110CLL Datasheet HTML 8Page - Amphenol PCD, Inc JANMS318110CLL Datasheet HTML 9Page - Amphenol PCD, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Contact
backshells@amphenolpcd.com
4
GROMMET NUT
Connector Group K
STRAIGHT; SELF-LOCK/SPIN
38999 Series I & Series II
M85049
/27
-
10
W
SERIES
SLASH SHEET
COUPLING
SHELL SIZE
FINISH
27: Straight
S: Self Lock
-: Spin
Table A
N: Electroless Nickel
W: Cadmium Olive Drab
over Electroless Nickel
Z: Zinc-Cobalt, Black
TABLE A
Connector
Shell Size
Connector
Shell Size Code
A Ø Max.
B Ø Max.
C Max.
D Max.
E Max.
inch
mm
inch
mm
inch
mm
inch
mm
inch
mm
8
8 / 9
0.75
19.05
0.86
21.82
0.54
13.72
0.59
14.99
0.27
6.86
10
10 / 11
0.85
21.59
0.98
24.99
0.54
13.72
0.59
14.99
0.41
10.41
12
12 / 13
1.00
25.40
1.16
29.36
0.54
13.72
0.59
14.99
0.53
13.46
14
14 / 15
1.10
27.94
1.28
32.54
0.54
13.72
0.59
14.99
0.65
16.51
16
16 / 17
1.25
31.75
1.41
35.71
0.54
13.72
0.59
14.99
0.78
19.81
18
18 / 19
1.40
35.56
1.52
38.51
0.54
13.72
0.59
14.99
0.88
22.35
20
20 / 21
1.50
38.10
1.64
41.68
0.54
13.72
0.59
14.99
1.01
25.65
22
22 / 23
1.65
41.91
1.77
44.86
0.54
13.72
0.59
14.99
1.13
28.70
24
24 / 25
1.75
44.45
1.89
48.03
0.54
13.72
0.59
14.99
1.26
32.00
BACKSHELL ACCESSORIES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com