Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUR51 Datasheet(PDF) 3 Page - STMicroelectronics

No. de pieza BUR51
Descripción Electrónicos  HIGH CURRENT NPN SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUR51 Datasheet(HTML) 3 Page - STMicroelectronics

  BUR51 Datasheet HTML 1Page - STMicroelectronics BUR51 Datasheet HTML 2Page - STMicroelectronics BUR51 Datasheet HTML 3Page - STMicroelectronics BUR51 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
11
11.7
13.1
0.433
0.461
0.516
B
1.45
1.5
1.6
0.057
0.059
0.063
C
2.7
2.92
0.106
0.115
D
8.9
9.4
0.350
0.370
E
19
20
0.748
0.787
G
10.7
10.9
11.1
0.421
0.429
0.437
N
16.5
16.9
17.2
0.650
0.665
0.677
P
25
26
0.984
1.024
R
3.88
4.2
0.153
0.165
U
38.5
39.3
1.516
1.547
V
30
30.14
30.3
1.181
1.187
1.193
P003I
TO-3 (I) MECHANICAL DATA
BUR51
3/4



Html Pages

1 2 3 4