Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LP5523TMX/NOPB.B Datasheet(PDF) 41 Page - Texas Instruments

No. de pieza LP5523TMX/NOPB.B
Descripción Electrónicos  LP5523 Nine-Channel RGB- and White-LED Driver With Internal Program Memory and Integrated Charge Pump – DSBGA Package
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

LP5523TMX/NOPB.B Datasheet(HTML) 41 Page - Texas Instruments

Back Button LP5523TMX/NOPB.B Datasheet HTML 37Page - Texas Instruments LP5523TMX/NOPB.B Datasheet HTML 38Page - Texas Instruments LP5523TMX/NOPB.B Datasheet HTML 39Page - Texas Instruments LP5523TMX/NOPB.B Datasheet HTML 40Page - Texas Instruments LP5523TMX/NOPB.B Datasheet HTML 41Page - Texas Instruments LP5523TMX/NOPB.B Datasheet HTML 42Page - Texas Instruments LP5523TMX/NOPB.B Datasheet HTML 43Page - Texas Instruments LP5523TMX/NOPB.B Datasheet HTML 44Page - Texas Instruments LP5523TMX/NOPB.B Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 61 page
background image
41
LP5523
www.ti.com
SNVS550E – SEPTEMBER 2009 – REVISED JANUARY 2017
Product Folder Links: LP5523
Submit Documentation Feedback
Copyright © 2009–2017, Texas Instruments Incorporated
(1)
This opcode is used with numerical operands.
(2)
This opcode is used with variables.
(3)
X means do not care.
Table 6. LP5523 Branch Instructions
Inst.
Bit
[15]
Bit
[14]
Bit
[13]
Bit
[12]
Bit
[11]
Bit
[10]
Bit
[9]
Bit [8]
Bit
[7]
Bit [6]
Bit [5]
Bit
[4]
Bit [3] Bit [2]
Bit [1] Bit [0]
rst
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
branch(1)
1
0
1
loop count
step number
branch(2)
1
0
0
0
0
1
1
step number
loop count
int
1
1
0
0
0
1
0
0
0
0
0
0
0
0
0
0
end
1
1
0
int
reset
0
0
0
0
0
0
0
0
0
0
0
trigger
1
1
1
wait for trigger
send a trigger
0
ext.
trig
X(3)
X(3)
E3
E2
E1
ext.
trig
X(3)
X(3)
E3
E2
E1
jne
1
0
0
0
1
0
0
Number of instructions to be skipped
if the operation returns true
variable
1
variable
2
jl
1
0
0
0
1
0
1
Number of instructions to be skipped
if the operation returns true
variable
1
variable
2
jge
1
0
0
0
1
1
0
Number of instructions to be skipped
if the operation returns true
variable
1
variable
2
je
1
0
0
0
1
1
1
Number of instructions to be skipped
if the operation returns true
variable
1
variable
2
(1)
This opcode is used with numerical operands.
(2)
This opcode is used with variables.
Table 7. LP5523 Data Transfer And Arithmetic Instructions
Inst.
Bit
[15]
Bit
[14]
Bit
[13]
Bit
[12]
Bit
[11]
Bit
[10]
Bit [9] Bit [8] Bit [7] Bit [6]
Bit
[5]
Bit
[4]
Bit [3]
Bit [2]
Bit
[1]
Bit [0]
ld
1
0
0
1
target variable
0
0
8-bit value
add(1)
1
0
0
1
target variable
0
1
8-bit value
add(2)
1
0
0
1
target variable
1
1
0
0
0
0
variable
1
variable
2
sub(1)
1
0
0
1
target variable
1
0
8-bit value
sub(2)
1
0
0
1
target variable
1
1
0
0
0
1
variable
1
variable
2
7.6.4 LED Driver Instructions
7.6.4.1 Ramp
This is the instruction useful for smoothly changing from one PWM value into another PWM value on the D1 to
D9 outputs; in other words, generating ramps (with a negative or positive slope). The LP5523 allows
programming very fast and very slow ramps.
Ramp instruction generates a PWM ramp, using the effective PWM value as a starting value. At each ramp step
the output is incremented/decremented by one unit, unless the number of increments is 0. Time span for one
ramp step is defined with prescale bit [14] and step time bits [13:9]. Prescale = 0 sets 0.49 ms cycle time and
prescale = 1 sets 15.6 ms cycle time; so the minimum time span for one step is 0.49 ms (prescale × step time
span = 0.49 ms × 1) and the maximum time span is 15.6 ms × 31 = 484 ms/step.
Number of increments value defines how many steps are taken during one ramp instruction; increment maximum
value is 255d, which corresponds increment from zero value to the maximum value. If PWM reaches
minimum/maximum value (0/255) during the ramp instruction, ramp instruction is executed to the end regardless
of saturation. This enables ramp instruction to be used as a combined ramp and wait instruction. Note: Ramp
instruction is wait instruction when the increment bits [7:0] are set to zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com