Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LP5523TMX/NOPB.B Datasheet(PDF) 29 Page - Texas Instruments

No. de pieza LP5523TMX/NOPB.B
Descripción Electrónicos  LP5523 Nine-Channel RGB- and White-LED Driver With Internal Program Memory and Integrated Charge Pump – DSBGA Package
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

LP5523TMX/NOPB.B Datasheet(HTML) 29 Page - Texas Instruments

Back Button LP5523TMX/NOPB.B Datasheet HTML 25Page - Texas Instruments LP5523TMX/NOPB.B Datasheet HTML 26Page - Texas Instruments LP5523TMX/NOPB.B Datasheet HTML 27Page - Texas Instruments LP5523TMX/NOPB.B Datasheet HTML 28Page - Texas Instruments LP5523TMX/NOPB.B Datasheet HTML 29Page - Texas Instruments LP5523TMX/NOPB.B Datasheet HTML 30Page - Texas Instruments LP5523TMX/NOPB.B Datasheet HTML 31Page - Texas Instruments LP5523TMX/NOPB.B Datasheet HTML 32Page - Texas Instruments LP5523TMX/NOPB.B Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 61 page
background image
29
LP5523
www.ti.com
SNVS550E – SEPTEMBER 2009 – REVISED JANUARY 2017
Product Folder Links: LP5523
Submit Documentation Feedback
Copyright © 2009–2017, Texas Instruments Incorporated
Register Maps (continued)
Table 3. Control Register Map (continued)
HEX
ADDRESS
REGISTER NAME
BIT(s)
READ/
WRITE
DEFAULT VALUE
AFTER RESET
BIT MNEMONIC AND DESCRIPTION
76
GAIN CHANGE CTRL
[7:6]
R/W
00xxxxxx
THRESHOLD
Threshold voltage (typical)
00 – 400 mV
01 – 300 mV
10 – 200 mV
11 – 100 mV
[5]
R/W
xx0xxxxx
ADAPTIVE_THRESH_EN
Activates adaptive threshold.
[4:3]
R/W
xxx00xxx
TIMER
00 – 5 ms
01 – 10 ms
10 – 50 ms
11 – Infinite
[2]
R/W
xxxxx0xx
FORCE_1x
Activates 1.5× to 1× timer.
7.6.2 Control Register Details
00 ENABLE/ ENGINE CONTROL1
•
00 - Bit [6] CHIP_EN
–
1 = internal start-up sequence powers up all the needed internal blocks and the device enters normal
mode.
–
0 = standby mode is entered. Control registers can still be written or read, excluding bits[5:0] in reg 00
(this register), registers 16h to 1E (LED PWM registers) and 37h to 39h (program counters).
•
00 — Bits [5:4] ENGINE1_EXEC
–
Engine 1 program execution control. Execution register bits define how the program is executed. Program
start address can be programmed to Program Counter (PC) register 37H.
–
00 = hold: Hold causes the execution engine to finish the current instruction and then stop. Program
counter (PC) can be read or written only in this mode.
–
01 = step: Execute the instruction at the location pointed by the PC, increment the PC by one and then
reset ENG1_EXEC bits to 00 (i.e. enter hold).
–
10 = free run: Start program execution from the location pointed by the PC.
–
11 = execute once: Execute the instruction pointed by the current PC value and reset ENG1_EXEC to 00
(that is, enter hold). The difference between step and execute once is that execute once does not
increment the PC.
•
00 — Bits [3:2] ENGINE2_EXEC
–
Engine 2 program execution control. Equivalent to above definition of control bits. Program start address
can be programmed to PC register 38H.
•
00 — Bits [1:0] ENGINE3_EXEC
–
Engine 3 program execution control. Equivalent to engine 1 control bits. Program start address can be
programmed to PC register 39H.
01 ENGINE CONTROL2
•
Operation modes are defined in this register.
–
Disabled: Engines can be configured to disabled mode each one separately.
–
Load program: Writing to program memory is allowed only when the engine is in load program operation
mode and engine busy bit (reg 3A) is not set. Serial bus master should check the busy bit before writing to
program memory or allow at least 1ms delay after entering to load mode before memory write, to ensure
initalization. All the three engines are in hold while one or more engines are in load program mode. PWM
values are frozen, also. Program execution continues when all the engines are out of load program mode.
Load program mode resets the program counter of the respective engine. Load program mode can be
entered from the disabled mode only. Entering load program mode from the run program mode is not
allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com