| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32L412C8I6TR Datasheet(PDF) 59 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L412C8I6TR Datasheet(HTML) 59 Page - STMicroelectronics |
|
59 / 192 page ![]() 20 20 C2 31 31 43 43 C6 PA10 I/O FT_f - TIM1_CH3, I2C1_SDA, USART1_RX, USB_CRS_SYNC, EVENTOUT - 21 21 B1 32 32 44 44 C8 PA11 I/O FT_u - TIM1_CH4, TIM1_BKIN2, SPI1_MISO, COMP1_OUT, USART1_CTS, USB_DM, TIM1_BKIN2_COMP1, EVENTOUT - 22 22 A1 33 33 45 45 B8 PA12 I/O FT_u - TIM1_ETR, SPI1_MOSI, USART1_RTS_DE, USB_DP, EVENTOUT - 23 23 B2 34 34 46 46 A8 PA13 (JTMS/SWDIO) I/O FT - JTMS/SWDIO, IR_OUT, USB_NOE, EVENTOUT - - - - 353547 47 D5 VSS S - - - - - - - 36 36 48 48 E5 VDDUSB S - - - - 24 24 A2 37 37 49 49 A7 PA14 (JTCK/SWCLK) I/O FT - JTCK/SWCLK, LPTIM1_OUT, I2C1_SMBA, EVENTOUT - 25 25 C3 38 38 50 50 A6 PA15 (JTDI) I/O FT - JTDI, TIM2_CH1, TIM2_ETR, USART2_RX, SPI1_NSS, USART3_RTS_DE, TSC_G3_IO1, EVENTOUT - - --- - 51 51 B7 PC10 I/O FT - TRACED1, USART3_TX, TSC_G3_IO2, EVENTOUT - - --- - 52 52 B6 PC11 I/O FT - USART3_RX, TSC_G3_IO3, EVENTOUT - - --- - 53 53 C5 PC12 I/O FT - TRACED3, USART3_CK, TSC_G3_IO4, EVENTOUT - Table 14. STM32L412xx pin definitions (continued) Pin Number Pin name (function after reset) Alternate functions Additional functions |